Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR340 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR340
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR340 Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR340 Datasheet HTML 1Page - NXP Semiconductors PBYR340 Datasheet HTML 2Page - NXP Semiconductors PBYR340 Datasheet HTML 3Page - NXP Semiconductors PBYR340 Datasheet HTML 4Page - NXP Semiconductors PBYR340 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR345CTD series
Schottky barrier
Fig.1. Maximum forward dissipation per diode
P
F = f(IF(AV)); square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.2. Maximum forward dissipation per diode
P
F = f(IF(AV)); sinusoidal current waveform where
a = form factor = I
F(RMS) / IF(AV).
Fig.3. Typical and maximum forward characteristic
per diode I
F = f(VF); parameter Tj
Fig.4. Typical reverse leakage current per diode;
I
R = f(VR); parameter Tj
Fig.5. Typical junction capacitance per diode;
C
d = f(VR); f = 1 MHz; Tj = 25˚C to 125 ˚C.
Fig.6. Transient thermal impedance per diode;
Z
th j-mb = f(tp).
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
0.5
0.2
0.1
PBYR345CTD
Rs = 0.0867 Ohms
Vo = 0.44 V
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
T
I
D =
tp
tp
T
t
D = 1.0
Tmb(max) / C
150
147.5
145
142.5
0
25
50
100mA
10mA
1mA
100uA
10uA
Reverse current, IR (A)
Reverse voltage, VR (V)
50 C
75 C
100 C
125 C
PBYR345CTD
Tj = 25 C
0
0.5
1
1.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.9
2.2
2.8
4
PBYR345CTD
Rs = 0.0867 Ohms
Vo = 0.44 V
a = 1.57
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) / C
150
149
148
147
146
145
144
143
1
10
100
10
100
1000
PBYR345CTD
Reverse voltage, VR (V)
Junction capacitance, Cd (pF)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
PBYR345CTD
Forward voltage, VR (V)
Forward current, IF (A)
Tj = 25 C
Tj = 125 C
max
typ
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
PBYR345CTD
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
September 1998
3
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com