Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR6045WT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR6045WT
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR6045WT Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR6045WT Datasheet HTML 1Page - NXP Semiconductors PBYR6045WT Datasheet HTML 2Page - NXP Semiconductors PBYR6045WT Datasheet HTML 3Page - NXP Semiconductors PBYR6045WT Datasheet HTML 4Page - NXP Semiconductors PBYR6045WT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR6045WT series
Schottky barrier
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
F
Forward voltage per diode
I
F = 30 A; Tj = 125˚C
-
0.51
0.58
V
I
F = 60 A; Tj = 125˚C
-
0.7
0.75
V
I
F = 30 A
-
0.54
0.61
V
I
F = 60 A
-
0.69
0.76
V
I
R
Reverse current per diode
V
R = VRWM
-
0.3
5
mA
V
R = VRWM; Tj = 100˚C
-
30
90
mA
C
d
Junction capacitance
V
R = 5 V; f = 1 MHz, Tj = 25˚C to 125˚C
-
1000
-
pF
December 1998
2
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com