Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR6045WT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR6045WT
Description  Rectifier diodes Schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR6045WT Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR6045WT Datasheet HTML 1Page - NXP Semiconductors PBYR6045WT Datasheet HTML 2Page - NXP Semiconductors PBYR6045WT Datasheet HTML 3Page - NXP Semiconductors PBYR6045WT Datasheet HTML 4Page - NXP Semiconductors PBYR6045WT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR6045WT series
Schottky barrier
Fig.1. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.2. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.3. Typical and maximum forward characteristic
I
F = f(VF); parameter Tj
Fig.4. Typical reverse leakage current per diode;
I
R = f(VR); parameter Tj
Fig.5. Typical junction capacitance per diode;
C
d = f(VR); f = 1 MHz; Tj = 25˚C to 125 ˚C.
Fig.6. Transient thermal impedance per diode;
Z
th j-mb = f(tp).
PBYR6045WT
0
5
10
15
20
25
30
0
1020
3040
50
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) (C)
150
D = 1.0
0.5
0.2
0.1
145
135
130
125
T
tp
D = tp/T
140
120
Reverse Current, IR (mA)
PBYR6045WT
0.01
0.1
1
10
100
1000
0
1020
304050
Reverse Voltage, VR (V)
Tj =25C
Tj =75C
Tj =50C
Tj =100C
Tj =125C
PBYR6045WT
0
5
10
15
20
25
0
5
10
15
20
25
30
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) (C)
150
a = 1.57
1.9
2.2
2.8
145
140
135
125
4
130
PBYR6045WT
100
1000
10000
1
10
100
VR / V
Cd / pF
PBYR6045WT
0
5
10
15
20
25
30
35
40
45
50
55
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Voltage, VF (V)
Forward Current, IF (A)
Tj = 25 C
Tj =125 C
typ
max
PBYR6045WT
0.001
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
pulse width, tp (s)
Transient Thermal Impedance, Zth j-mb (K/W)
Single pulse
tp
P
t
D
December 1998
3
Rev 1.000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com