Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1T-JS Datasheet(PDF) 1 Page - Zemic Europe B.V.

Part # 1T-JS
Description  Type 1T-JS Miniature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

1T-JS Datasheet(HTML) 1 Page - Zemic Europe B.V.

  1T-JS Datasheet HTML 1Page - Zemic Europe B.V. 1T-JS Datasheet HTML 2Page - Zemic Europe B.V. 1T-JS Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 1T-JS Miniature Sensor
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2022.10 1T-JS Rev1
info@zemic.nl
Page 1/3
www.zemiceurope.com
Short Description
•
Aluminium bending miniature sensor
•
High accuracy
•
Suitable for personal scales
Available Models
Capacity
Accuracy
Full Article Description
150kg
0.03%
1T-JS-150kg


Similar Description - 1T-JS

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-213-3 PIC-MS-213-3 Datasheet
22Kb / 1P
Miniature Reed Sensor
MS-214-3 PIC-MS-214-3 Datasheet
47Kb / 1P
Miniature Reed Sensor
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
Miniature Level Sensor
logo
DB Lectro Inc
MS-214-3 DBLECTRO-MS-214-3 Datasheet
47Kb / 1P
Miniature Reed Sensor
logo
List of Unclassifed Man...
JP-8681-0 ETC2-JP-8681-0 Datasheet
1Mb / 1P
Insulator for JS Popper Clips
logo
PIC GmbH
MS-213-3 PIC-MS-213-3_15 Datasheet
182Kb / 2P
Miniature Reed Sensor
logo
Kemet Corporation
SC-03-10JS KEMET-SC-03-10JS Datasheet
59Kb / 1P
Choke, SC-JS, 1000 uH
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
SC Coils, SC-JS Terminal Base Type
logo
List of Unclassifed Man...
AM312 ETC2-AM312 Datasheet
137Kb / 1P
MINIATURE PIR SENSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com