Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1T-JS Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # 1T-JS
Description  Type 1T-JS Miniature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

1T-JS Datasheet(HTML) 2 Page - Zemic Europe B.V.

  1T-JS Datasheet HTML 1Page - Zemic Europe B.V. 1T-JS Datasheet HTML 2Page - Zemic Europe B.V. 1T-JS Datasheet HTML 3Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 1T-JS Miniature Sensor
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2022.10 1T-JS Rev1
info@zemic.nl
Page 2/3
www.zemiceurope.com
Technical Specifications 1T-JS
Accuracy Class
0.03%
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.15
Maximum Capacity ( Emax )
kg
150
Combined Error
%FS
≤± 0.03
Creep Error (5 minutes)
%FS
≤± 0.03
Non-Linearity
%FS
±0.03
Repeatability
%FS
±0.03
Hysteresis
%FS
±0.03
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.2
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.1
Zero Balance
mV/V
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
200
Maximum Deflection
mm
~0.30
Eccentric Loading Error
%Ld/cm
± 0.01
Excitation, Recommended Voltage
V
5 ~ 9
Excitation, Maximum Voltage
V
10
Input Resistance
Ω
1150 ± 150
Output Resistance
Ω
1150 ± 150
Insulation Resistance (50V)
MΩ
≥2000
Operating Temperature
°C
-10 ~ + 40
Element Material
Aluminium
Ingress Protection (acc. to EN 60529)
IP65
Wiring
Features:
Cable type:
4 separate conductor cable , conductor AWG 30
Cable diameter: Ø 0.9mm
Cable length:
0.25m ± 0.01m
Cable jacket:
PVC
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com