Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3606 Datasheet(PDF) 2 Page - EPCOS

Part # B3606
Description  Low-Loss Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3606 Datasheet(HTML) 2 Page - EPCOS

  B3606 Datasheet HTML 1Page - EPCOS B3606 Datasheet HTML 2Page - EPCOS B3606 Datasheet HTML 3Page - EPCOS B3606 Datasheet HTML 4Page - EPCOS B3606 Datasheet HTML 5Page - EPCOS B3606 Datasheet HTML 6Page - EPCOS B3606 Datasheet HTML 7Page - EPCOS B3606 Datasheet HTML 8Page - EPCOS B3606 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
May 09, 2001
SAW Components
B3606
140,00 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC 12
Features
q
High performance IF bandpass filter
q
Constant group delay
q
Hermetically sealed ceramic package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,4 g
Pin configuration
11
Input or balanced input
1
Input - ground or balanced input
5
Output or balanced output
7
Output - ground or bal. output
2, 6, 8, 12
Case ground
3, 4, 9, 10
Ground
Note: Input and output port can be mixed up
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3606
B39141-B3606-Z510
C61157-A7-A55
F61074-V8026-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 55/+ 125
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com