Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3606 Datasheet(PDF) 3 Page - EPCOS

Part # B3606
Description  Low-Loss Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3606 Datasheet(HTML) 3 Page - EPCOS

  B3606 Datasheet HTML 1Page - EPCOS B3606 Datasheet HTML 2Page - EPCOS B3606 Datasheet HTML 3Page - EPCOS B3606 Datasheet HTML 4Page - EPCOS B3606 Datasheet HTML 5Page - EPCOS B3606 Datasheet HTML 6Page - EPCOS B3606 Datasheet HTML 7Page - EPCOS B3606 Datasheet HTML 8Page - EPCOS B3606 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
May 09, 2001
SAW Components
B3606
140,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T
= -40˚C ... 85˚C
Terminating source impedance:
ZS =50 Ω and matching circuit
Terminating load impedance:
ZL =50 Ω and matching circuit
TTI=Triple transit signal included; TTE=Triple transit signal excluded
min.
typ.
max.
Center frequency
fC
139,75
140,00
140,25 MHz
(Center between 6dB points; @ T = 25˚C)
Insertion attenuation at fC
α
C
—
11,0
13,0
dB
Amplitude ripple (TTI, p-p)
∆α
130,0
... 150,0
MHz
—
0,6
0,9
dB
Pass bandwidth
α
rel ≤
3dB
B3dB
—
25,5
—
MHz
Phase ripple (TTE, p-p)
∆ϕ
130,0
... 150,0
MHz
—
8,0
9,5
˚
131,0
... 149,0
MHz
—
6,0
7,0
˚
Relative attenuation (relative to
α
C)
α
rel
100,0
... 108,0
MHz
40,0
50,0
—
dB
108,0
... 116,0
MHz
40,0
48,0
—
dB
116,0
... 121,5
MHz
40,0
44,0
—
dB
158,5
... 164,0
MHz
37,0
40,0
—
dB
164,0
... 172,0
MHz
39,0
42,0
—
dB
172,0
... 180,0
MHz
40,0
47,0
—
dB
Reflected wave signal suppression
0,72
µs ... 0,62 µs before main pulse
45,0
50,0
—
dB
Reflected wave signal suppression
0,62
µs ... 2,88 µs after main pulse
33,0
37,0
—
dB
Group delay at
fC
τ
C
0,71
0,72
0,73
µs
Group delay ripple (TTE, p-p)
∆τ
130,0
... 150,0
MHz
—
15,0
—
ns
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com