Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAP211 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYPAP211
Description  EZ-PD™ PAG2P primary-side startup controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAP211 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYPAP211 Datasheet HTML 9Page - Infineon Technologies AG CYPAP211 Datasheet HTML 10Page - Infineon Technologies AG CYPAP211 Datasheet HTML 11Page - Infineon Technologies AG CYPAP211 Datasheet HTML 12Page - Infineon Technologies AG CYPAP211 Datasheet HTML 13Page - Infineon Technologies AG CYPAP211 Datasheet HTML 14Page - Infineon Technologies AG CYPAP211 Datasheet HTML 15Page - Infineon Technologies AG CYPAP211 Datasheet HTML 16Page - Infineon Technologies AG CYPAP211 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Datasheet
13
002-34772 Rev. *F
2023-06-13
EZ-PD™ PAG2P primary-side startup controller
Functional description
3.10
Auto-restart timer
A fixed timer of TAR sec is available for various fault conditions. The timer is synched to the free-running oscillator.
The free-running oscillator will be running at FOSC.
3.11
Protection and fault condition
Primarily there are four type of protection actions used in various fault conditions.
• Auto-restart: In this mode, EZ-PD™ PAG2P will wait TAR sec before doing a soft-start. This sequence keeps
repeating continuously if fault condition persists (See Figure 11).
• Latch or shut-down: No Auto restart timer or soft-start is implemented. Shuts the IC down and power to the
IC needs to be removed to unlatch.
• GateOFF:ThisonlyturnsOFFthegatedrivepulseandwaitsforthefaultconditiontopassbeforethe ICfunctions
normally.
• Max duty cycle: Gate driver will be ON for 19 μs (maximum duty) during soft-start. When secondary is in control,
gate driver will be ON for 30 μs (maximum duty).
Figure 11
Auto-restart
TAR
SS
TAR
SS
TAR
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com