Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPAP211 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYPAP211
Description  EZ-PD™ PAG2P primary-side startup controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAP211 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYPAP211 Datasheet HTML 17Page - Infineon Technologies AG CYPAP211 Datasheet HTML 18Page - Infineon Technologies AG CYPAP211 Datasheet HTML 19Page - Infineon Technologies AG CYPAP211 Datasheet HTML 20Page - Infineon Technologies AG CYPAP211 Datasheet HTML 21Page - Infineon Technologies AG CYPAP211 Datasheet HTML 22Page - Infineon Technologies AG CYPAP211 Datasheet HTML 23Page - Infineon Technologies AG CYPAP211 Datasheet HTML 24Page - Infineon Technologies AG CYPAP211 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Datasheet
21
002-34772 Rev. *F
2023-06-13
EZ-PD™ PAG2P primary-side startup controller
Electrical specifications
Table 15
Electrical characteristic of BSW pin
Parameter
Description
Min
Typ
Max
Unit
Details/conditions
R_BSW
RDSON of internal NFET
–
–2
Ω
–
I_BSW
Peak current threshold
350
500
mA V_AUXIN = 12 V; L = 10 μH
200 mΩ
V_VCCREG
VCC average regulation
setpoint
13.5
14.5
16.5
V
Load= 10 mA,
V_AUXIN = 1.5 V,
L = 10 μH 200 mΩ,
PMEG120G10ELR
V_VCCREG2
VCC average regulation
setpoint
13.5
14.5
16.5
Load= 5 mA,
V_AUXIN = 1.0 V,
L = 10 μH 200 mΩ,
PMEG120G10ELR
V_VINOV
Highest VIN to disable boost
switching
12.3
14
15.5
–
V_VINUV
Hysteresis below V_VINOV to
enable boost switching
12.2
13.8
15.3
V_VCCVINDIFF
V_VINOV(max) –
V_VCCREG(min)
––
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com