Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-AC2000 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-AC2000
Description  CO2 Analyzer PCE-AC 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-AC2000 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-AC2000 Datasheet HTML 1Page - PCE Instruments. PCE-AC2000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
CO2
 
Measuring range
0 ...9999 ppm
Measurement accuracy   ±70 ppm ±5 % of measuring range
Resolution
1 ppm 
Temperature
 
Measuring range
-10 ...100 °C / 14 ... 212 °F
Resolution
0.1 °C
Accuracy
±1.5 °C
rel. Humidity
 
Measuring range
0... 99.9 % r.H.
Resolution
0.1 % r.H.
Accuracy
±3 % 
General
 
Traffic light function
Green:0 ... 599 ppm
Yellow: 600 ... 1199 ppm
Red: 1200 ... 9999 ppm 
Repeatability 
<±0.5%
Response time
10 seconds
Operating conditions
0... 50 °C, 32 ... 122 °F, 0 ... 90 % r.H. not condensing 
Storage conditions
-30... 70 °C, -22 ... 158 °F, 0 ... 90 % r.H. not condensing
Power supply
via power pack 9 VDC, 350 mA
Dimensions
388x 288 x 43 mm / 15.2 x 11.3 x 1.7"
Weight
ca.2420 g / 85 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com