Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-AC2000 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-AC2000
Description  CO2 Analyzer PCE-AC 2000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-AC2000 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-AC2000 Datasheet HTML 1Page - PCE Instruments. PCE-AC2000 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CO2 Analyzer PCE-AC 2000
CO2 Analyzer as a large display / with bar graph / maintenance-free CO2 sensor / additionally with temperature and humidity display
/ measuring range up to 9999 ppm for e.g. training rooms, public facilities
The innovatively designed CO2 analyzer is a large display for monitoring the indoor air quality. This CO2 measuring device is used specifically
to monitor indoor air quality in large rooms. These include, for example, meeting rooms, lounges or public spaces such as classrooms and
kindergartens. Due to the large size of 388 x 288 x 43 mm, the CO2 indicator can also be easily read from a greater distance. With the wall
bracket for the CO2 indicator, the large display can also be mounted anywhere on walls.
The NDIR CO2 sensor built in for the measurement has a measuring range of 9999 ppm. In addition to the high measuring range of the built-in
NDIR CO2 sensor, the special feature of the CO2 measuring device is that the CO2 sensor does not require any maintenance. A temperature
and a humidity sensor are also integrated in the CO2 measuring device in order to monitor the climatic conditions.
The CO2 measuring device also has a bar graph with which the measured CO2 content can be displayed graphically. The bar graph on the CO2
indicator is also divided into the colors green, yellow and red, which light up at fixed measured values depending on the CO2 content. This
makes it easier to assess the carbon dioxide in the environment so that ventilation measures can be carried out if necessary. To alert you to an
excessively high CO2 concentration, the CO2 measuring device has an adjustable acoustic alarm, which is factory set to a concentration of 1200
ppm CO2.
For wall mounting in large rooms
Acoustic, adjustable alarm
Maintenance-free NDIR CO2 sensor
With temperature and humidity sensors
Large LED display with bar graph
Fixed power supply


Similar Part No. - PCE-AC2000

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCE-A-05 ADAM-TECH-PCE-A-05 Datasheet
116Kb / 1P
.100 RECEPTACLE WITH BOARD HOOKS
PCE-A-XX ADAM-TECH-PCE-A-XX Datasheet
80Kb / 1P
909 Rahway Avenue
logo
PCE Instruments.
PCE-A315 PCE-PCE-A315 Datasheet
50Kb / 2P
Technical Moisture Meter PCE-A 315
PCE-A420 PCE-PCE-A420 Datasheet
2Mb / 2P
Environmental Tester PCE-A420
PCE-ABBE-REF2 PCE-PCE-ABBE-REF2 Datasheet
611Kb / 3P
Refractometer PCE-ABBE-REF2
More results

Similar Description - PCE-AC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
380820 EXTECH-380820 Datasheet
219Kb / 1P
Universal AC Power Source AC Power Analyzer
logo
TEKTRONIX, INC.
PA1000 TEKTRONIX-PA1000 Datasheet
1Mb / 8P
Single Phase AC Power Analyzer Datasheet
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com