Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CMM10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CMM10
Description  CO2 Analyzer PCE-CMM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CMM10 Datasheet HTML 1Page - PCE Instruments. PCE-CMM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range CO2
400 ... 5000 ppm
Resolution
1 ppm
Accuracy
± (5% + 50 ppm) between 400 ... 2000 ppm
 
and an atmospheric pressure of 1
 
 
 
 
Measuring range temperature         -10.0 ... 50.0°C / 14 ... 122°F
Resolution
0.1°C / 0.18°F
Accuracy
± 1°C / 1.8°F
(can be influenced by its own waste heat)
 
 
Measuring range humidity
0 ... 99% rh
Resolution  
1% rh
Accuracy 
± (5% at 25°C / 77°F) between 10 ... 90% rh
 
 
Sensor
NDIR principle
ABC
Automatic baseline correction
Audio alarm
Buzzer
Visual alarm
Red backlight
Display
3 inch LC display
battery indicator
Four-level display
display frequency
3 seconds
Automatic shutdown  
turns itself off after 2 hours
Backlight
White backlight
Working conditions
0 ... 50°C / 32 ... 122°F, 0 ... 85% rh
Storage conditions
-20 ... 60°C / -4 ... 140°F, 0 ... 95% rh
Power supply
Built-in 3.7V DC battery
Weight
195 g / < 1 lb
Dimensions
75 x 55 x 130 mm / 3 x 2.2 x 5.1 in
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com