Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CMM10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CMM10
Description  CO2 Analyzer PCE-CMM 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CMM10 Datasheet HTML 1Page - PCE Instruments. PCE-CMM10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CO2 Analyzer PCE-CMM 10
CO2 analyzer PCE-CMM 10
CO2 meter / Battery operation / Alarm limits / 400 ... 5000 ppm / Temperature measurement / Visual and acoustic alarm / Automatic
switch-off / USB charging / Units can be changed / LC display / Temperature range -10 ... 50°C (4 ... 122°F) 
The CO2 measuring device PCE-CMM 10 is a multi-function measuring device for measuring the air quality. This CO2 meter measures
synchronously the CO2 concentration, the air temperature and the humidity. In addition, the CO2 meter has permanently programmed alarm
limits. As soon as the currently measured CO2 measured value exceeds the alarm limit, the alarm is activated. The user is alerted to the CO2
meter by an audible and visual signal. 
Using the built-in USB interface, you can continuously charge the CO2 meter to your PC workstation, for example. Thanks to the small blue
shape, you can optimally position the CO2 meter at your workplace. Due to the 3 inch display and the strong backlight, you can read the
measured values optimally.
CO2 measurement
Battery operation
Limit exceeded
Backlight
Air temperature
Table housing
Humidity
Beep


Similar Part No. - PCE-CMM10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CMM5 PCE-PCE-CMM5 Datasheet
175Kb / 2P
CO2 Analyser PCE-CMM 5
PCE-CMM8 PCE-PCE-CMM8 Datasheet
329Kb / 2P
CO2 Analyser PCE-CMM 8
PCE-CMM8-ICA PCE-PCE-CMM8-ICA Datasheet
388Kb / 2P
CO2 Analyser PCE-CMM 8-ICA incl. ISO Calibration Certificate
More results

Similar Description - PCE-CMM10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
SD800 EXTECH-SD800 Datasheet
194Kb / 1P
CO2/Humidity/Temperature Datalogger
logo
Infineon Technologies A...
PASCO2 INFINEON-PASCO2 Datasheet
1Mb / 22P
XENSIVTM PAS CO2
V 1.0 2022-01-17
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com