Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VDR10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VDR10
Description  Technical Accelerometer PCE-VDR 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VDR10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VDR10 Datasheet HTML 1Page - PCE Instruments. PCE-VDR10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Speed measuring range
(at 50 mm/s, 160 Hz)
0.5 ... 199.9 mm/s, 0.05 ... 19.99 cm/s, 0.02 ... 7.87 in/s
Resolution
0.1, 0.01, 1
Accuracy
± (5% of reading + 2 digits)
Display
LCD
Display update time
update time: 1 second
Memory
SD card (included)
Automatic data logging interval 5 ... 3600 seconds (adjustable)
Analog output
4 ... 20 mA
Power supply
6 x 1.5 V AAA batteries or 9 V DC electric power (adapter sold
separately)
Interface
RS-232 and USB
Dimensions
132 x 80 x 32 mm (5.20 x 3.15 x 1.26")
Dilivery Contents
1 x Accelerometer PCE-VDR 10
1 x vibration sensor
1 x wall bracket
6 x 1.5 V AAA batteries
1 x SD memory card
1 x screw for 4 ... 20 mA output
1 x user manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com