Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VDR10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VDR10
Description  Technical Accelerometer PCE-VDR 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VDR10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VDR10 Datasheet HTML 1Page - PCE Instruments. PCE-VDR10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Accelerometer PCE-VDR 10
PCE-VDR 10 is a single-axis accelerometer or vibration monitor with real-time measurement and data
logging capabilities. This vibration analyzer records acceleration (m/s, g, ft/s) as well as speed (mm/s,
cm/s, in/s) measurements and saves the measured data to an included SD card memory. Note: To set
up the SD card for the first time, the PCE-VDR 10 must be connected to AC power.
Note: To set up the SD card for the first time, the PCE-VDR 10 must be connected to AC power (AC
power supply NET-LUT or NET-LUT-US sold separately - see accessories tab).
- Measures acceleration (m/s, g, ft/s) and speed (mm/s, cm/s, in/s)
- Adjustable automatic data logging
- SD card memory
- RS-232 and USB interface
- Data can be downloaded to a computer and analyzed using Microsoft Excel
- Backlit LCD screen
- Portable
Technical Specifications
Frequency range
10 ... 1000 Hz
Acceleration measuring
range
(at 50 m/s, 160 Hz)
0.5 ... 199.9 m/s, 0.05 ... 20.39 g, 2 ... 656 ft/s
Resolution
0.1, 0.01, 1
Accuracy
± (5% of reading + 2 digits)


Similar Part No. - PCE-VDR10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VD3 PCE-PCE-VD3 Datasheet
2Mb / 2P
Accelerometer PCE-VD 3
PCE-VD3-ICA PCE-PCE-VD3-ICA Datasheet
1Mb / 2P
Condition Monitoring Vibration Meter PCE-VD 3-ICAincl. ISO Calibration Cert.
PCE-VDL16I PCE-PCE-VDL16I Datasheet
707Kb / 2P
Shock Data logger PCE-VDL 16I
PCE-VDL24I PCE-PCE-VDL24I Datasheet
272Kb / 2P
Accelerometer PCE-VDL 24I 3-Axis
PCE-VDL24I3 PCE-PCE-VDL24I3 Datasheet
272Kb / 2P
Accelerometer PCE-VDL 24I 3-Axis
More results

Similar Description - PCE-VDR10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Vishay Siliconix
46500 VISHAY-46500 Datasheet
255Kb / 18P
VDR Metal Oxide Varistors Standard
07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
VDR Metal Oxide Varistors Standard
24-Jun-09
logo
Molex Electronics Ltd.
1210640173 MOLEX-1210640173 Datasheet
434Kb / 4P
S052 PG07 TRANS XV LED & VDR
2019/03/19
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
VDR Metal Oxide Varistors Standard
18-Oct-2021
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com