Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT70 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT70
Description  Environmental Meter PCE-HT 70
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT70 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT70 Datasheet HTML 1Page - PCE Instruments. PCE-HT70 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measured parameter
 
Temperature
 
Measuring range
-40 ... 85 °C
Accuracy
±0.5 °C (0 ... 70 °C)
±0.8 °C (-20 ... 0 °C)
Measurement / storage rate 1 s ... 15 days
 
 
Measured parameter
 
Relative humidity
 
Measuring range
0 ... 100% rel. humidity
Accuracy
±3% rH (10 ... 90 % rH)
 
±4% rH (rest of range)
Measurement / storage rate 1 s ... 15 days
 
 
Measured parameter
 
Drift
 
Accuracy
Temperature: 0.03 °C / year
 
Humidity: 0.25 % r.H. / year
 
 
Response time
2 minutes
Memory size
max. 16,000 measured values
Power supply
CR2032 battery
Battery life
ca. 450 days (@25 °C / 15 min. storage rate)
Environmental conditions -40...+85 °C
Protection
IP30
Dimensions
69.5 x 47.5 x 18.7 mm
Weight
44 g
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com