Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT70 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT70
Description  Environmental Meter PCE-HT 70
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT70 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT70 Datasheet HTML 1Page - PCE Instruments. PCE-HT70 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Environmental Meter PCE-HT 70
Environmental Meter for Temperature and Humidity / Compact /
Long battery life / 16,000 measured values storable 
The environmental meter records the air temperature and humidity and stores them internally. The compact thermo-hygrometer with a large
memory (up to a maximum of 16,000 values) is primarily used for long-term registration, for example in the food sector (e.g. refrigerated
counters in supermarkets, refrigerated transport, warehouses) or in the industrial sector (heating and cooling processes, machine temperatures,
product warehouses...) An LED signals that the thermo-hygrometer is recording data. The values stored in the device are transferred to a PC or
laptop and the software evaluates them graphically as a curve. Of course, the measured values are also displayed in a table. The storage can
either be triggered manually or you program the thermo-hygrometer in advance (start and stop time, date and recording rate) to record on
site.
The internal real-time clock with date allows the user to precisely program the events.  The storage rate of the thermo-hygrometer is freely
adjustable. The compact dimensions allow the thermo-hygrometer to fit almost anywhere. The current measurement can be ended and a new
measurement started automatically by pressing the button on the thermo-hygrometer. This function of the thermo-hygrometer is particularly
helpful when monitoring freight, if you want to check the transport back and forth without having to re-program the thermo-hygrometer.
USB datalogger
Calculation of dew point
Max. 16,000 data records can be saved
Export to software possible
450 day running time
Adjustable storage rate from 1 second
Compact dimensions
Wall bracket incl.


Similar Part No. - PCE-HT70

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT71N PCE-PCE-HT71N Datasheet
131Kb / 1P
Technical Specification Air Humidity Meter PCE-HT 71N
PCE-HT71N-10 PCE-PCE-HT71N-10 Datasheet
52Kb / 2P
Technical Data Logger PCE-HT 71N-10
PCE-HT71N-5 PCE-PCE-HT71N-5 Datasheet
52Kb / 2P
Technical Data Logger PCE-HT 71N-5
PCE-HT72 PCE-PCE-HT72 Datasheet
1Mb / 2P
Hygrometer PCE-HT 72
More results

Similar Description - PCE-HT70

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
45170 EXTECH-45170_15 Datasheet
116Kb / 1P
Environmental Meter
45170CM EXTECH-45170CM Datasheet
506Kb / 1P
45170CM 5-in-1 Environmental Meter with CFM/CMM
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com