Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCM1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PCM1
Description  Clamp Meter PCE-PCM 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PCM1 Datasheet HTML 1Page - PCE Instruments. PCE-PCM1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Voltage (AC / TRMS, 50 ... 200
Hz)
100 / 400 / 750V, ± (1.2% + 5 digits)
Current (AC / TRMS, 50 ... 200
Hz)
40 / 100 / 400 / 1000 A, ± (2.0% + 5 digits)
Active power measurement
4 ... 750 kW, ± (3.0% + 5 digits)
Apparent power measurement 4 ... 750 kVA, ± (3.0% + 5 digits)
Reactive power measurement 4 ... 750 kVAr, ± (3.0% + 5 digits)
Active energy (kWh counter)
1 ... 9999 kW, ± (3.0% + 2 digits)
Power factor (cos φ)
 (min. 10 A / 45V)
0.3 ... 1 inductive or capacitive / ± (0.02% + 2
digits)
Phase angle
0 ... 90º, ± 2.0º
Frequency
50 ... 200 Hz, ± (0.5% + 5 digits)
Internal memory
99 measurement values
Display
9999 values with bar graph and backlight
Power supply
1 x 9V battery
Dimensions
105 x 47 x 294 mm / 4.1 x 1.8 x 11.5 in
Weight
495 g / 1.1 lbs
Overvoltage category
CAT IV 600 V / CAT III 1000 V
See user manual for full
details.
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com