Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCM1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCM1
Description  Clamp Meter PCE-PCM 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCM1 Datasheet HTML 1Page - PCE Instruments. PCE-PCM1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clamp Meter PCE-PCM 1
PCE-PCM 1 Clamp Meter
Internal memory, USB cable and PC software / Three-phase power measurement / True RMS
PCE-PCM 1 is a multipurpose clamp meter or power analyzer used to measure alternating current (AC), voltage (TRMS) and frequency to
determine active (kW), apparent (kVA) and reactive (kVAR) power as well as active energy (kWh) consumption. Both the phase angle and the
power factor (cos φ) are shown on the handheld power meter's large and easy-to-read backlit display.
The power analyzer aids in evaluating power and energy use in machines and electrical installations. The device's compact design allows for
measurements to be taken in the field and on the go. Up to 99 measurement values can be saved to the internal memory of the power meter.
The meter features a USB port, allowing for quick and easy data transfer to a PC for detailed analysis.
Active power (kW)
Apparent power (kVA)
Reactive power (kVAR)
Power factor (cos φ)
Phase angle
Active energy counter (kWh)
Auto range selection
Voltage
Current (AC)
True RMS
Frequency
Internal memory saves up to 99 measurement values
Minimum / maximum values
Data hold
Includes 2-year warranty against manufacturer defects
Optional ISO calibration certificate sold separately - see accessories


Similar Part No. - PCE-PCM1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCM3 PCE-PCE-PCM3 Datasheet
666Kb / 6P
Clamp Meter PCE-PCM 3
More results

Similar Description - PCE-PCM1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
380976-K EXTECH-380976-K_15 Datasheet
277Kb / 1P
1? 3? 1000A AC Power Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com