Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PST1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PST1
Description  Tension Dynamometer for Peel Tests PCE-PST 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PST1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PST1 Datasheet HTML 1Page - PCE Instruments. PCE-PST1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
500 N / 50 kg / 110 lbs
Measurable edge thickness
0.4 mm ... 3.5 mm
0.02 in ... 0.14 in
Measurable plate thicknesses
10 mm ... 64 mm
0.4 in ... 2.5 in
Travel speed
0.3 m/min / 11.8 in/min
Traverse
100 mm / 3.9 in
Measurement accuracy
± 0.1% of the measuring range
Resolution
0.1 N / 0.010 kg / 0.02 lbs
Max. overload
± 20%
Display
Graphic display with backlight
61 mm x 34 mm / 2.4 in x 1.3 in
Operating modes
Manual / automatic
Interface
USB
Environmental conditions
-10°C ... 40°C / 14°F ... 104°F
Weight
ca. 9 kg / 19.8 lbs
Power supply
230V / 110V / 12V; 1.2 A
Dimensions (LxWxH)
490 mm x 210 mm x 150 mm
19.3 in x 8.3 in x 5.9 in
More information
Manual
Video
Video Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com