Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PST1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PST1
Description  Tension Dynamometer for Peel Tests PCE-PST 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PST1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PST1 Datasheet HTML 1Page - PCE Instruments. PCE-PST1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tension Dynamometer for Peel Tests PCE-PST 1
PCE-PST 1 Tension dynamometer
Measures the adhesion to substrates / Mobile, rugged design / Measures up to 500 N (50 kg / 110 lbs) / High accuracy / PC evaluation
possible
PCE-PST 1 tension dynamometer is designed to check the adhesive force of edges on support materials. With the tension dynamometer,
checks can be made with respect to the quality of workmanship. Feed speed, travel distance, tension, and traction angle are fixed. Ball transfer
units on the guide surface of the Test Stand reduce the coefficient of friction. Likewise the self-locking jaws and smooth guide rollers always
guarantee reproducible and comparable results. Measurement errors caused by the "human factor" are reduced to a minimum.
The PCE-PST 1 tension dynamometer is designed for adhesive forces up to 500 N or 110 pounds. With a travel distance of 100 mm (3.9 in) and
a feed rate of 0.3 m / min (11.8 in / min), testing an edge can be performed by trained personnel in less than a minute. After clamping the test
edge, measurement takes place in automatic mode as soon as the triggering force of 20 N or 4.5 lbs is reached. At the end of the
measurement process, statistical data appears on the display, including Min. and Max. values, as well as an average value of peel strength. If
necessary, the evaluation of the measurement can also be done via the included software which enables different statistical values and the
display of a force-time diagram.
For adhesive forces to 500 N or 110 pounds
High repeatability
Defined test parameters
Mobile implementation
Automatic and manual measurement mode
Evaluation via software


Similar Part No. - PCE-PST1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-P01 PCE-PCE-P01 Datasheet
359Kb / 2P
Differential Pressure Manometer PCE-P01
PCE-P01-ICA PCE-PCE-P01-ICA Datasheet
281Kb / 2P
Differential Pressure Manometer PCE-P01-ICA Incl. ISOCalibration Certificate
PCE-P05 PCE-PCE-P05 Datasheet
348Kb / 2P
Differential Pressure Meter PCE-P05
PCE-P05-ICA PCE-PCE-P05-ICA Datasheet
292Kb / 2P
Differential Pressure Meter PCE-P05-ICA incl. ISO calibration certificate
PCE-P15 PCE-PCE-P15 Datasheet
279Kb / 2P
Differential Pressure Meter PCE-P15
More results

Similar Description - PCE-PST1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-3 MACOM-2-1419125-3 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
2-1419146-0 MACOM-2-1419146-0 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
logo
Varitronix internationa...
VI-201-DP-FC-S VARITRONIX-VI-201-DP-FC-S Datasheet
99Kb / 1P
Typical Environmental Tests & Mechanical Tests For LCD
logo
Agilent(Hewlett-Packard...
E4982A HP-E4982A Datasheet
7Mb / 16P
New Standard for High-Speed Component Tests
logo
STMicroelectronics
AN3018 STMICROELECTRONICS-AN3018 Datasheet
197Kb / 24P
Developing self tests for SPC564Ax
17-Sep-2013
AN2036 STMICROELECTRONICS-AN2036 Datasheet
261Kb / 7P
Solderability Tests
08-Nov-2004
logo
Integrated Circuit Syst...
8T49N286 ICST-8T49N286 Datasheet
1Mb / 78P
Bypass clock paths for system tests
REVISION 5
logo
STMicroelectronics
STEVAL-IPT006V1 STMICROELECTRONICS-STEVAL-IPT006V1 Datasheet
212Kb / 4P
Board design allows standalone operation for basic tests
11-Nov-2013
logo
Suzhou Trophy Advance-T...
T1-01-020 TROPHY-T1-01-020_V01 Datasheet
1Mb / 6P
Operation Manual for Tension Meter
T6-01-200 TROPHY-T6-01-200 Datasheet
515Kb / 5P
Operation Manual for Tension Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com