Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340887 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1340887
Description  D3PC-MP 0,20-0,50-F-SN-R - Crimp contact
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340887 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1340887 Datasheet HTML 1Page - PHOENIX CONTACT 1340887 Datasheet HTML 2Page - PHOENIX CONTACT 1340887 Datasheet HTML 3Page - PHOENIX CONTACT 1340887 Datasheet HTML 4Page - PHOENIX CONTACT 1340887 Datasheet HTML 5Page - PHOENIX CONTACT 1340887 Datasheet HTML 6Page - PHOENIX CONTACT 1340887 Datasheet HTML 7Page - PHOENIX CONTACT 1340887 Datasheet HTML 8Page - PHOENIX CONTACT 1340887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Accessories
D3-MP RELEASE TOOL - Removal tool
1441450
https://www.phoenixcontact.com/us/products/1441450
Crimping tool, Removal tool, color: black, product range: Accessories, width: 7
mm
D32PC 2,2/ 2-5,08-X - PCB connector
1376522
https://www.phoenixcontact.com/us/products/1376522
PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V,
contact connection type: Socket, number of rows: 1, number of positions: 2,
product range: D32PC 2,2/, pitch: 5.08 mm, connection method: Crimp
connection, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard
D3PC-MP 0,20-0,50-F-SN-R - Crimp contact
1340887
https://www.phoenixcontact.com/us/products/1340887
Jan 8, 2024, 6:04 AM
Page 4 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com