Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340887 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1340887
Description  D3PC-MP 0,20-0,50-F-SN-R - Crimp contact
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340887 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1340887 Datasheet HTML 1Page - PHOENIX CONTACT 1340887 Datasheet HTML 2Page - PHOENIX CONTACT 1340887 Datasheet HTML 3Page - PHOENIX CONTACT 1340887 Datasheet HTML 4Page - PHOENIX CONTACT 1340887 Datasheet HTML 5Page - PHOENIX CONTACT 1340887 Datasheet HTML 6Page - PHOENIX CONTACT 1340887 Datasheet HTML 7Page - PHOENIX CONTACT 1340887 Datasheet HTML 8Page - PHOENIX CONTACT 1340887 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Crimp contact, nominal current: 6 A, contact surface: Tin
Commercial data
Item number
1340887
Packing unit
4,000 pc
Minimum order quantity
4,000 pc
Note
Made to order (non-returnable)
Product key
AABCUB
GTIN
4063151648442
Weight per piece (including packing)
0.634 g
Weight per piece (excluding packing)
0.474 g
Country of origin
CN
D3PC-MP 0,20-0,50-F-SN-R - Crimp contact
1340887
https://www.phoenixcontact.com/us/products/1340887
Jan 8, 2024, 6:04 AM
Page 1 (9)


Similar Part No. - 1340887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340888 PHOENIX-1340888 Datasheet
320Kb / 9P
D3PC-MP 0,50-1,25-F-SN-R - Crimp contact
1340889 PHOENIX-1340889 Datasheet
340Kb / 9P
D3PC-MP 1,25-2,2-F-SN-R - Crimp contact
More results

Similar Description - 1340887

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1016663 PHOENIX-1016663 Datasheet
82Kb / 9P
Crimp contact - CDC-MP 0,14-0,5-R
10/28/2020
1378351 PHOENIX-1378351 Datasheet
99Kb / 3P
Crimp contact - D2HC-MP 0,30-0,85-M-SN-R
1378352 PHOENIX-1378352 Datasheet
99Kb / 3P
Crimp contact - D2HC-MP 0,12-0,20-M-SN-R
1378353 PHOENIX-1378353 Datasheet
101Kb / 3P
Crimp contact - D2PC-MP 0,30-0,85-F-SN-R
1378354 PHOENIX-1378354 Datasheet
101Kb / 3P
Crimp contact - D2PC-MP 0,12-0,20-F-SN-R
1013420 PHOENIX-1013420 Datasheet
605Kb / 20P
MCC 0,5-MP AU 0,14-0,5 R - Crimp contact
1340363 PHOENIX-1340363 Datasheet
340Kb / 9P
D3PC-MP 0.50-1.25-F-SN-L - Crimp contact
1340370 PHOENIX-1340370 Datasheet
430Kb / 12P
D3HC-MP 1.25-2.2-M-SN-L - Crimp contact
1340889 PHOENIX-1340889 Datasheet
340Kb / 9P
D3PC-MP 1,25-2,2-F-SN-R - Crimp contact
1340894 PHOENIX-1340894 Datasheet
430Kb / 12P
D3HC-MP 0,20-0,50-M-SN-R - Crimp contact
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com