Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT16853 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ABT16853
Description  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16853 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ABT16853_06 Datasheet HTML 1Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 2Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 3Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 4Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 5Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 6Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 7Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 8Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54ABT16853, SN74ABT16853
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS153B – OCTOBER 1992 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ABT16853
SN74ABT16853
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VOH
High-level output voltage
ERR
5.5
5.5
V
IOH
High-level output current
Except ERR
–24
–32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused pins (input or I/O) must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT16853
SN74ABT16853
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
3
2.5
VOH
All outputs
VCC = 5 V,
IOH = –3 mA
3
3.4
3
3
V
VOH
except ERR
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2.7
2
VOL
VCC =4 5V
IOL = 24 mA
0.25
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.3
0.55*
0.55
V
Vhys
100
mV
IOH
ERR
VCC = 4.5 V,
VOH = 5.5 V
20
20
20
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
II
Control inputs
VCC =5 5V VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V, VI = VCC or GND
±100
±100
±100
µA
IIL
A or B ports
VCC = 0,
VI = GND
–50
–50
–50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
IOZH§
VCC =5.5 V,
VO = 2.7 V
50
50
50
µA
IOZL§
VCC = 5.5 V,
VO = 0.5 V
–50
–50
–50
µA
VCC = 5.5 V,
Outputs high
1.5
2
2
2
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
32
40
40
40
mA
VI = VCC or GND
Outputs disabled
1
2
2
2
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
50
50
50
µA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
9
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ The parameters IOZH and IOZL include the input leakage current.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com