Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT16853 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54ABT16853
Description  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16853 Datasheet(HTML) 1 Page - Texas Instruments

  SN54ABT16853_06 Datasheet HTML 1Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 2Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 3Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 4Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 5Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 6Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 7Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 8Page - Texas Instruments SN54ABT16853_06 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54ABT16853, SN74ABT16853
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS153B – OCTOBER 1992 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Flow-Through Architecture Optimizes
PCB Layout
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Parity-Error Flag With Parity
Generator/Checker
D Latch for Storage of the Parity-Error Flag
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
Using 25-mil Center-to-Center Spacings
description
The
’ABT16853
dual
8-bit
to
9-bit
parity
transceivers are designed for communication
between data buses. When data is transmitted
from the A bus to the B bus, a parity bit is
generated. When data is transmitted from the
B bus to the A bus, with its corresponding parity
bit, the open-collector parity-error (ERR) output
indicates whether or not an error in the B data has
occurred. The output-enable (OEA and OEB)
inputs can be used to disable the device so that
the buses are effectively isolated. The ’ABT16853
provide true data at the outputs.
A 9-bit parity generator/checker generates a parity-odd (PARITY) output and monitors the parity of the I/O ports
with the ERR flag. The parity-error output can be passed, sampled, stored, or cleared from the latch using the
latch-enable (LE) and clear (CLR) control inputs. When both OEA and OEB are low, data is transferred from
the A bus to the B bus, and inverted parity is generated. Inverted parity is a forced error condition that gives the
designer more system diagnostic capability.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEB
1LE
1ERR
GND
1A1
1A2
VCC
1A3
1A4
1A5
GND
1A6
1A7
1A8
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2ERR
2LE
2OEB
1OEA
1CLR
1PARITY
GND
1B1
1B2
VCC
1B3
1B4
1B5
GND
1B6
1B7
1B8
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2PARITY
2CLR
2OEA
SN54ABT16853 ...WD PACKAGE
SN74ABT16853 . . . DGG OR DL PACKAGE
(TOP VIEW)
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
EPIC-
ΙΙB and Widebus are trademarks of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN54ABT16853_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Similar Description - SN54ABT16853_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com