Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT114 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT114
Description  Thermo-Hygrometer PCE-HT 114
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT114 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT114 Datasheet HTML 1Page - PCE Instruments. PCE-HT114 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCE Instruments UK Ltd.
United Kingdom, SO31 4RF
PCE Americas Inc.
USA, Jupiter, 33458 FL
Phone: +44 023 8098 7030
info@pce-instruments.co.uk
Phone: +1 (561) 320-9162
info@pce-americas.com
Subject to change
General Features PCE- HT 114
Measuring function
Temperature
Measuring range
-40 ... 125°C / -40 ... 257°F (external)
Resolution
0.1°C / 0.18°F
Accuracy
± 0.3°C / 0.54°F (-10 ... 65°C / 14 ...
149°F)
± 0.5°C / 0.9°F (remaining range)
Measuring function
Humidity
Measuring range
0 ... 100% rh (external)
Resolution
0.1% RH
Accuracy
± 3% (10% ... 90%)
± 4% (remaining area)
Response time
5 min
Storage
25,920 readings
Storage rates
30s, 60s, 2 min, 5 min, 10 min, 15
min, 20 min, 25 min, 30 min, 1 h or
individually adjustable
Measuring interval /
5 s
refresh rate Display
Alarm
Adjustable audible alarm
Interface
USB
Power supply
3 x 1.5V AAA batteries
5V USB
Battery life
Approx. 1 year (without lighting /
without alarm)
operating conditions
-30 ... 65°C / -22 ... 149°F
Storage conditions
-30 ... 65°C / -22 ... 149°F (without
battery)
Dimension
96 x 108 x 20 mm / 3.8 x 4.3 x 0.8 in
Weight
120 g / < 1 lb
Degree of protection
IP20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com