Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT114 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT114
Description  Thermo-Hygrometer PCE-HT 114
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT114 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT114 Datasheet HTML 1Page - PCE Instruments. PCE-HT114 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.pce-instruments.com
Thermo-Hygrometer
PCE-HT 114
PCE-HT 114
The thermo-hygrometer PCE-HT 114 has a temperature and humidity sensor on 2 m / 6.6 ft cable. The PCE-HT 114 thermo-hygrometer records the temperature
and humidity in the interior of the refrigerator and simultaneously displays it via the LCD display. The thermo-hygrometer PCE-HT 114 stores the measured values
in a format that is used by the software for analysis as well as in PDF format. In the PDF document that creates the thermo-hygrometer, a graph showing the course
of the measurement is shown. Likewise, an overview of all measured values is displayed directly in the measurement report. The thermo-hygrometer has a base
and a mounting tab on the back. The display can be switched off for battery saver.
The PCE-HT 114 thermo-hygrometer can store up to 25,920 readings, which can be evaluated using the software. To connect to a PC, the thermo-hygrometer
has a USB port. The software can also set alarms for high or low temperatures. It is also possible to switch over to the optionally available external sensor via the
software.
► Temperature and humidity data logger
► LCD display
► Memory for 25,920 readings
► Fast reading via USB
► Adjustable alarm limits
► External sensor


Similar Part No. - PCE-HT114

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT110 PCE-PCE-HT110 Datasheet
1Mb / 2P
Air Humidity Meter
PCE-HT112 PCE-PCE-HT112 Datasheet
396Kb / 2P
Hygrometer PCE-HT 112
PCE-HT112-ICA PCE-PCE-HT112-ICA Datasheet
397Kb / 2P
Environmental Meter PCE-HT 112-ICA Incl. ISO Calibration Certificate
More results

Similar Description - PCE-HT114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
fujitsu semiconductor
FTP-040P001 FUJITSU-FTP-040P001 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
Testo SE & Co. KGaA
TESTO608 TESTO-TESTO608 Datasheet
192Kb / 2P
Thermal hygrometer
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com