Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCO1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PCO1
Description  Technical Air Quality Meter PCE-PCO 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCO1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PCO1 Datasheet HTML 1Page - PCE Instruments. PCE-PCO1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Particle counting specifications
Measurable particle sizes (channels)
0.3 µm / 0.5 µm / 1.0 µm / 2.5 µm / 5.0 µm /
10 µm
Flow rate
0.1 cfm (2.83 L/min)
Coincidence error
<5% at 2,000,000 particles per cubic foot
Counting efficiency
50 % at particle size 0.3 µm
100 % at particle size> 0.45 µm (per ISO
21501)
Data storage
5000 records
Counting modes
Cumulative, differential, concentration
Air temperature and relative humidity measuring specifications
Air temperature measuring range
0 … +50°C
Air temperature precision
±0.5 °C with +10 ... +40 °C
Otherwise ± 1 °C
Dew point temperature measuring range
0 … +50°C
Dew point temperature precision
±0.5 °C with +10 ... +40 °C
Otherwise ± 1 °C
Relative humidity measuring range
0 ... 100 % RH
Relative humidity precision
±3 % RH with 40 ... 60 %
±3.5 % RH with 20 ... 40 % and 60 ... 80 %
±5 % RH with 0 ... 20 % and 80 ... 100 %
Delivery contents
1 x PCE-PCO 1 particle counter
1 x zero filter
1 x rechargeable battery
1 x charger
1 x USB cable
1 x user manual
1 x CD-ROM (software)
1 x tripod
1 x hard case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com