Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCO1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCO1
Description  Technical Air Quality Meter PCE-PCO 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCO1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCO1 Datasheet HTML 1Page - PCE Instruments. PCE-PCO1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Air Quality Meter PCE-PCO 1
PCE-PCO 1 Particle Counter
Measures 6 particle sizes / Features built-in camera, air temperature and relative humidity
sensors
PCE-PCO 1 is a laser particle counter for measuring the concentration of particles in the air. The PCE-PCO
1 particle counter:
- Measures 6 sizes of particles: 0.3 µm, 0.5 µm, 1.0 µm, 2.5 µm, 5.0 µm, 10 µm
- Offers a robust, 80 MB internal memory
- Features a large, full-color LCD display with backlight
- Includes a built-in camera for image and video recording
- Contains sensors for measuring air temperature and relative humidity
The PCE-PCO 1 particle counter is ideal for monitoring clean rooms, indoor air quality, exposure to
exhaust, smoke, mold, respirable crystalline silica dust (RCS) and other harmful air pollutants, and levels
of airborne combustible dust such as agricultural dust, carbonaceous dust, chemical dust, metal dust,
plastic dust and wood dust.
A variety of materials are explosible in dust form. Some examples include: food (e.g., candy, sugar,
spice, starch, flour and feed), grain, tobacco, plastics, wood, paper, pulp, rubber, pesticides,
pharmaceuticals, dyes, coal and metals (e.g., aluminum, chromium, iron, magnesium and zinc). These
materials are used in agriculture, chemical manufacturing, pharmaceutical production, furniture, textiles,
fossil fuel power generation, recycling operations, metal working and processing (including additive
manufacturing and 3D printing) and many other industries and processes.
In addition to being a combustion hazard, certain kinds of dust can be a health hazard. Exposure (such
as skin contact, eye contact and inhalation) can be linked to sneezing, a stuffy or runny nose, itchy or
red eyes, headaches, fatigue, fever, cough, shortness of breath, dermatitis, asthma, bronchitis,
pneumonia (e.g., Legionnaires’ disease and hypersensitivity pneumonitis), silicosis and asbestosis, as
well
as
mesothelioma,
lung
and
other
cancers.
General technical specifications
Environmental conditions
0 ... 50 °C, 10 ... 90 % RH (non-condensing)
LCD Display
2.8 " / 320 x 240 pixels, back-lit, color
Rechargeable battery
Operating time ~ 4 hours
Dimensions
240 x 75 x 55 mm
Weight
420 g
Memory
Internal: 80 MB
External: Micro SD card up to 8 GB (optional)


Similar Part No. - PCE-PCO1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCO2 PCE-PCE-PCO2 Datasheet
302Kb / 2P
Air Quality Particle Counting Meter PCE-PCO 2
More results

Similar Description - PCE-PCO1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
Indoor Air Quality Meter/Datalogger
CO240 EXTECH-CO240 Datasheet
289Kb / 1P
Handheld Indoor Air Quality CO2 Meter
CO250 EXTECH-CO250_15 Datasheet
180Kb / 1P
Portable Indoor Air Quality CO2 Meter
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
Indoor Air Quality Meter/Datalogger
EX800 EXTECH-EX800 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
EX900 EXTECH-EX900 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
Air Quality Gas Sensor
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com