Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-THD50 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-THD50
Description  Hygrometer PCE-THD 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THD50 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-THD50 Datasheet HTML 1Page - PCE Instruments. PCE-THD50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Air temperature
Measuring range
-20 … 60 °C(-4 … 140 °F)
Resolution
0.01 °C/°F
Accuracy
±0.5 °C @ 0 … 45 °C,±1.0 °C
 
 in remaining range
 
±1.0 °F @ 32 … 113 °F,±2.0 °F
 
 in remaining range
Measuring rate
3 Hz
 
 
Relative humidity
 
Measuring range
0 … 100 % RH
Resolution
0.1 % RH
Accuracy
±2.2 % RH (10 … 90 % RH)
 
@ 23 °C (73.4 °F)
 
±3.2 % RH (<10,>90 % RH)
 
 @23 °C (73.4 °F)
Response time
<10 s (90 % RH, 25 °C (77 °F), with no wind)
 
 
Thermoelement
 
Sensor type
Thermoelement Type K
Measuring range
-100 … 1372 °C(-148 … 2501 °F)
Resolution
0.01 °C/°F, 0.1 °C/°F, 1 °C/°F
Accuracy
±(1 % ±1 °C)
 
 
Calculated values
 
Wet bulb temperature  -20 … 60 °C (-4 … 140 °F)
Dew point temperature -50 … 60 °C (-58 … 140 °F)
 
 
Further specifications  
Internal memory
99 measuring points
 
(redundant, only readable on the measuring device)
 
32,000 measuring points
 
(only readable on the PC)
Power supply
3.7 V Li-ion battery
Operating conditions
0 … 40 °C (32 … 104 °F) <80 % RH,
 
non-condensing
Storage conditions
-10 … 60 °C (14 … 140 °F) <80 % RH,
 
non-condensing
Dimensions
162 mm x 88 mm x 32 mm / 6.3 x 3.4 x 1.2"
Weight
248 g / 8.74 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com