Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-THD50 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-THD50
Description  Hygrometer PCE-THD 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THD50 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-THD50 Datasheet HTML 1Page - PCE Instruments. PCE-THD50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hygrometer PCE-THD 50
Hygrometer with connection for thermocouple type K / Measuring range -20 ... 60 °C /
Rechargeable battery / Micro USB data interface / PC software /
Data memory for 32,000 measuring points / Optionally with ISO calibration certificate
The hygrometer is the ideal measuring device to check the climatic conditions in, for example, warehouses, production halls or greenhouses.
The hygrometer can measure the ambient temperature and humidity. Temperatures between -20 ... 60 °C (-4 ... 140 °F) can be measured
reliably and quickly by the hygrometer. In addition, the dew point and wet bulb temperature is calculated and displayed by the hygrometer. In
addition, any type K thermocouple can be connected to the hygrometer in a temperature range of -100 ... 1372 °C (-148 ... 2501 °F). As soon as
the connected thermocouple has been recognized, the temperature display automatically switches from the hygrometer to the thermocouple.
Measured values can be recorded with the data logger function of the hygrometer. The large memory of 32,000 measuring points in the
hygrometer allows recording of measured values over a long period of time. After data logging, all logged measuring points can be read out
and analyzed via the micro-USB interface of the hygrometer and the free software. The data logged by the hygrometer can be exported in CSV
file format for further processing.
A 3.7 V Li-ion battery is installed in the hygrometer to enable mobile use. This battery can be recharged via the micro-USB interface on the
hygrometer.
Measuring range -20 ... 60 °C / -4 ... 140 °F
Temperature, humidity, dew point
Backlit LC display
Micro USB interface
Rechargeable battery
Data memory for 32,000 readings
Wet bulb temperature
Optionally with ISO calibration certificate


Similar Part No. - PCE-THD50

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-THB38 PCE-PCE-THB38 Datasheet
130Kb / 1P
Technical Specification Air Humidity Meter PCE-THB 38
PCE-THB40 PCE-PCE-THB40 Datasheet
115Kb / 2P
Technical Air Humidity Meter PCE-THB 40
PCE-THT10 PCE-PCE-THT10 Datasheet
545Kb / 2P
Thermometer PCE-THT 10
More results

Similar Description - PCE-THD50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Testo SE & Co. KGaA
TESTO608 TESTO-TESTO608 Datasheet
192Kb / 2P
Thermal hygrometer
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com