Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-THT10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-THT10
Description  Thermometer PCE-THT 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THT10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-THT10 Datasheet HTML 1Page - PCE Instruments. PCE-THT10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Temperature measurement  
Measuring range
-20 ... 60 °C / -4 ... 140 °F
Resolution
0.1 °C
Accuracy
±0.5 °C
 
 
Humidity measurement
 
Measuring range
0 ... 99.9 % RH
Resolution
0.1 % RH
Accuracy
±3 % RH
 
 
Further specifications
 
Memory size
12800 measuring points
Storage rate
2 s
Display
2.3" LC display
Interface
WLAN, Micro-USB (only for power supply)
WLAN frequency band
2.4 GHz
Power supply mains adapter  primary: 100 ... 240 V AC, 50/60 Hz
 
secondary: 12 V DC, 1 A
Power supply
Micro-USB, 5 V DC, 1 A
Ambient conditions
0 ... 50 °C / 32 ... 122 °F, <95 % RH, non-condensing
Dimensions
145 x 110 x 33 mm / 5.7 x 4.3 x 1.3"
Weight
122 g / 4.3 oz
More information
CE Certificate
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com