Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-THT10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-THT10
Description  Thermometer PCE-THT 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-THT10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-THT10 Datasheet HTML 1Page - PCE Instruments. PCE-THT10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermometer PCE-THT 10
Thermometer for wall mounting / Data memory for 12800 measuring points / Colour display /
Measuring range -20 ... 60 °C / Mains operation / Optionally with ISO calibration certificate
The thermometer has a temperature measuring range of -20 ... 60 °C and a humidity measuring range of 0 ... 99.9% RH. The readings from the
thermo-hygrometer can be read directly on the 2.3" colour display. With the data logger function, all readings from the thermo-hygrometer
are stored on the 12800 measuring point memory. The thermo-hygrometer is therefore used to monitor the climatic conditions in offices,
logistics, greenhouses or classrooms.
Analysis of the measured values recorded can be carried out with the software for the thermometer. If there are several thermo-hygrometers in
a network, all of them can be controlled by the software at the same time. The thermo-hygrometer software can be found in the PCE
Instruments download portal.
The thermometer is supplied with power via the 12 V DC mains power converter or the micro-USB interface. For wall mounting, there is a hole
on the back to hook the thermo-hygrometer to screws. If required, the thermo-hygrometer can be equipped with an ISO calibration certificate.
WiFi interface
Data memory for 12800 measuring points
2.3" colour display
Measuring ranges -20 ... 60 °C / -4 ... 140 °F, 0 ... 99.9 % RH
For mounting on the wall


Similar Part No. - PCE-THT10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-THB38 PCE-PCE-THB38 Datasheet
130Kb / 1P
Technical Specification Air Humidity Meter PCE-THB 38
PCE-THB40 PCE-PCE-THB40 Datasheet
115Kb / 2P
Technical Air Humidity Meter PCE-THB 40
PCE-THD50 PCE-PCE-THD50 Datasheet
664Kb / 2P
Hygrometer PCE-THD 50
More results

Similar Description - PCE-THT10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50 Datasheet
256Kb / 3P
Thermometer
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
logo
SHENZHEN FUMAN ELECTRON...
SC8492E FUMAN-SC8492E Datasheet
412Kb / 11P
thermometer
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com