Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM22 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM22
Description  Vibration Analyzer PCE-VM 22
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM22 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM22 Datasheet HTML 1Page - PCE Instruments. PCE-VM22 Datasheet HTML 2Page - PCE Instruments. PCE-VM22 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Frequency
Measuring range
1 ... 10,000 Hz
Resolution
0.1 Hz
Accuracy
±5 %
 
 
Acceleration
 
Measuring range
0 ... 200 m/s²
Resolution
0.01 m/s²
Accuracy
±5 %
 
 
Speed
 
Measuring range
0 ... 200 mm/s
Resolution
0.01 mm/s
Accuracy
±5 %
 
 
Displacement
 
Measuring range
0 ... 2000 µm
Resolution
0.01 µm
Accuracy
±5 %
 
 
Infrared temperature
measurement   
 
Measuring range
-70 ... 380 °C / -94 ... 716 °F
Resolution
0.1 °C / °F
Accuracy
±0.5% at
 
(0…+60°C), (32 ... 140 °F)
 
±1% at
 
(-40 ... 0, 60 ... 120 °C), (-40 ... 32, 140 ... 248 °F)
 
±2% at
 
(-70 … -40, 120 ... 180 °C),
 
(-94 ... -40, 248 ... 356 °F)
 
±4% at
 
(180 ... +380 °C), (356 ... 716 °F)
Emissivity
1 fixed
 
 
Tachometer
 
Measuring range
10 … 200,000 RPM
Resolution
0.1 RPM
Accuracy
±0.1% and ±1 RPM
Units
RPM, Hz
 
 
More information
News
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com