Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM22 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VM22
Description  Vibration Analyzer PCE-VM 22
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM22 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VM22 Datasheet HTML 1Page - PCE Instruments. PCE-VM22 Datasheet HTML 2Page - PCE Instruments. PCE-VM22 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vibration Analyzer PCE-VM 22
Vibration analyzer with 4 GB data memory / FFT analysis / Waveform display / Infrared temperature meter / Measuring range 0 ... 200
mm/s² / Battery life of 8 hours /
Micro USB interface / Magnetic holder / Optical speed measurement
The vibration analyzer has a measuring range of 0 ... 200 m/s² for acceleration. In addition to acceleration, the vibration meter can also measure
speed, displacement, frequency and an ISO 18016-3 measurement. During the vibration measurement, an FFT view is simultaneously displayed
on the vibration meter. By pressing a button, it is possible to switch from the FFT analysis to the actual wave view of the vibration. This makes it
possible to analyse and evaluate a vibration even better with the vibration meter. The magnetic holder of the vibration sensor of the vibration
meter is designed in such a way that it can be attached to curvatures with a minimum radius of 20 mm / 0.78".
In addition to the vibration measurement, the vibration analyzer also has an external infrared temperature sensor. With this temperature
sensor, surface temperatures between -70 ... 380 °C / 158 ... 716 °F can be measured. Another measuring function of the vibration meter is the
contactless speed measurement. This means that the number of revolutions of ventilation systems, for example, can be checked with the
vibration meter.
The vibration analyzer has a 4 GB memory. The measurement data can then be transferred from the vibration meter to a PC. Free software is
available to analyse the data.
Because of its many functions, the vibration analyzer is a universally applicable measuring tool. Thus, the vibration meter can be used, for
example, for maintenance work on generators or engines. Optionally, the vibration meter can be equipped with an ISO certificate.
Measuring range 0 ... 200 m/s²
Infrared temperature measurement
4 GB data storage
8 hours of battery life
Optionally with ISO calibration certificate
FFT analysis and wave view of the vibration


Similar Part No. - PCE-VM22

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VM20 PCE-PCE-VM20 Datasheet
373Kb / 2P
Accelerometer PCE-VM 20
PCE-VM20-ICA PCE-PCE-VM20-ICA Datasheet
582Kb / 3P
Accelerometer PCE-VM 20-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-VM22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5811 ETC1-5811 Datasheet
409Kb / 11P
VM-1 Application Board 3
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
PCE-VT3900 PCE-PCE-VT3900 Datasheet
189Kb / 2P
Vibration Analyzer
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com