Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM40C Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VM40C
Description  Vibration Analyzer PCE-VM 40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM40C Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VM40C Datasheet HTML 1Page - PCE Instruments. PCE-VM40C Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring units
Peak value of vibration speed
Peak value of vibration acceleration
Supported standards
DIN 4150-3; BS 7385; SN 640312A
Vibration sensor
triaxial piezo-electric acceleration sensor
Display range (peak)
acceleration                       
           
0.001 ... 15 m/s²
Display range (peak)
speed
0.01 ... 2,400 mm/s at 1 Hz
0.01 ... 30 mm/s at 80 Hz
(frequency-dependend)
Accuracy (reference value:
16 Hz)
±3 %, ±2 digits, 100 Hz low pass
±3 %, ±2 digits, 398 Hz
low pass
Display
LCD, b&w, 128 x 64 pixel, backlight
3 peak values (x/y/z direction) or vector sum, main
frequency, 50-lines FFT spectrum, battery status, date
and time
Alarm
warning and alarm LEDs next to the display
relay output (chargeover contact, max. 100V DC / 2 A)
GSM modem
Quad band (850, 900, 1800, 1900 MHz) (optional)
SMS alarm function
SMS notification when alarm is triggered
SMS contains x/y/z readings, frequency, date, and
device name
Additional GSM functions
Phone call with headset (optional VM40-HS
adaptor) (optional)
Memory
Built-in micro-SD card
Max. 100,000 readings (x/y/z, frequency, date, time,
device name)
Analogue digital
convertor
24 bit, sigma-delta
USB interface
USB 2.0, CDC mode, via VM2x-USB cable
Battery
NiMH, 4.8 V, charging time: 10 h
No battery power consumption when connected via
USB (e.g. to an USB powerbank or a USB mains / AC
adaptor)
Battery service life
5 ... 15 days, depending on the temperature and duty
cycle
Languages
German, English
Temperature range
-20°C ... 60°C / -4°F ... 140°F
Protection class
IP 64
Dimensions
150 mm x 140 mm x 80 mm
/ 5.9 in x 5.5 in x 3.1 in
Weight
2 kg / 4.4 lbs
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com