Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VM40C Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VM40C
Description  Vibration Analyzer PCE-VM 40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM40C Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VM40C Datasheet HTML 1Page - PCE Instruments. PCE-VM40C Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vibration Analyzer PCE-VM 40C
Vibration Analyser PCE-VM 40C
Triaxial acceleration meter / Mobile version with NiMH battery / FFT analysis
IP 64 protection / Internal memory for up to 100,000 readings / SMS alert functionality
The PCE-VM 40C Vibration Analyser or Accelerometer was designed for vibration and shock metering on buildings, bridges, towers, and other
artificial structures. The Accelerometer measures vibrations in accordance to DIN 4150-3, BS 7385 and SN 640312A standards. With its internal
memory for up to 100,000 readings, the PCE-VM 40C Accelerometer can determine the effects of construction sites, traffic, or industrial
processing on buildings over a long period of time. You can choose between time-based and event-based recording, as well as between
recording of short-time and long-time vibrations. It is also possible to set threshold levels which trigger an alarm signal when exceeded. With
the built-in GSM module (optional), the device can send you SMS notifications once the alarm is triggered.
The Accelerometer is very easy to use and can be configured for different applications in no time. The measured data can easily be viewed on
the integrated display of the device. Here you can see the vibration speed in all 3 directions. The Accelerometer has an integrated NiMH
battery which makes it suited for mobile use on-site. A mains / AC adaptor for stationary use is also included in delivery.
Triaxial acceleration meter
In accordance with BS 7385 standard
Integrated NiMH battery
FFT analysis, XYZ and vector sum display
SMS alarm notifications via GSM (optional)
Internal memory for up to 100,000 readings
Mains  / AC adaptor included in delivery
Easy to use
Threshold function


Similar Part No. - PCE-VM40C

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VM20 PCE-PCE-VM20 Datasheet
373Kb / 2P
Accelerometer PCE-VM 20
PCE-VM20-ICA PCE-PCE-VM20-ICA Datasheet
582Kb / 3P
Accelerometer PCE-VM 20-ICA incl. ISO CalibrationCertificate
PCE-VM22 PCE-PCE-VM22 Datasheet
1Mb / 3P
Vibration Analyzer PCE-VM 22
PCE-VM31 PCE-PCE-VM31 Datasheet
180Kb / 2P
Human Vibration Meter without Sensors PCE-VM 31
PCE-VM31-HA PCE-PCE-VM31-HA Datasheet
264Kb / 2P
Human Vibration Analyzer with Hand-Arm Sensor PCE-VM 31-HA
More results

Similar Description - PCE-VM40C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5811 ETC1-5811 Datasheet
409Kb / 11P
VM-1 Application Board 3
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
PCE-VT3900 PCE-PCE-VT3900 Datasheet
189Kb / 2P
Vibration Analyzer
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com