Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA3354C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA3354C
Description  8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3354C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA3354C Datasheet HTML 4Page - NXP Semiconductors PCA3354C Datasheet HTML 5Page - NXP Semiconductors PCA3354C Datasheet HTML 6Page - NXP Semiconductors PCA3354C Datasheet HTML 7Page - NXP Semiconductors PCA3354C Datasheet HTML 8Page - NXP Semiconductors PCA3354C Datasheet HTML 9Page - NXP Semiconductors PCA3354C Datasheet HTML 10Page - NXP Semiconductors PCA3354C Datasheet HTML 11Page - NXP Semiconductors PCA3354C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1996 Dec 18
8
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF
generator and 256 bytes EEPROM
PCA3354C; PCD3354A
Fig.3 Block diagram of the frequency generator, melody output (P1.7/MDY) and DTMF clock output (DP1.7/DCO).
handbook, full pagewidth
MGB782
HGF REGISTER
CLOCK AND MELODY
CONTROL REGISTER
LGF REGISTER
INTERNAL BUS
8
fxtal
fDTMF
8
8
8
SWITCHED
CAPACITOR
BANDGAP
VOLTAGE
REFERENCE
DIGITAL
SINE WAVE
SYNTHESIZER
CLOCK
DIVIDER
DIGITAL
SINE WAVE
SYNTHESIZER
SWITCHED
CAPACITOR
LOW-PASS
FILTER
DAC
DAC
RC LOW-PASS
FILTER
TONE
PORT/MELODY
OUTPUT LOGIC
P1.7/
MDY
PORT/CLOCK
OUTPUT LOGIC
DP1.7/
DCO
square wave
6.2
Melody output (P1.7/MDY)
The melody output (P1.7/MDY) is very useful for
generating musical notes when a purely sinusoidal signal
is not required, such as for ringer applications.
The square wave (duty cycle = 12
⁄23 or 52%) will include
the attenuated harmonics of the base frequency, which is
defined by the contents of the HGF register (Table 3).
However, even higher frequency notes may be produced
since the low-pass filtering on the TONE output is not
applied to the P1.7/MDY output. This results in the
minimum decimal value x in the HGF register (see
equation in Section 6.4) being 2 for the P1.7/MDY output,
rather than 60 for the TONE output. A sinusoidal TONE
output is produced at the same time as the melody square
wave, but due to the filtering, the higher frequency sine
waves with x < 60 will not appear at the TONE output.
Since the melody output is shared with P1.7, the port
flip-flop of P1.7 has to be set HIGH before using the
melody output. This is to avoid conflicts between melody
and port outputs. The melody output drive depends on the
configuration of port P1.7/MDY, see Chapter 13, Table 24.
6.3
DTMF clock divider and output (DP1.7/DCO)
The DTMF clock divider allows the DTMF part to run either
with the main clock frequency (fDTMF =fxtal) or with a third
of it (fDTMF = 1⁄3 × fxtal) depending on the state of the divider
control bit DIV3 in register MDYCON.
For low power applications, a 3.58 MHz quartz crystal or
PXE resonator can be chosen together with the
divide-by-one function of the clock divider.
For other applications a 10.74 MHz quartz crystal or PXE
resonator may be chosen together with the divide-by-three
function of the clock divider. This triples the program speed
of the microcontroller, thereby keeping the assumed
DTMF frequency of 3.58 MHz.
Since a 3.58 MHz clock is needed for peripheral telephony
circuits such as the analog voice scrambler/descrambler
PCD4440T, a switchable DTMF clock output is provided
depending on the state of the enable clock output bit
EDCO in register MDYCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com