Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA3354C Datasheet (PDF) - NXP Semiconductors

PCA3354C Datasheet PDF - NXP Semiconductors
Part # PCA3354C
Download  PCA3354C Download
File Size   221.65 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator and 256 bytes EEPROM

PCA3354C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA3354C Datasheet PDF - NXP Semiconductors

Part # PCA3354C
Download  PCA3354C Click to download

File Size   221.65 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator and 256 bytes EEPROM

PCA3354C Datasheet (HTML) - NXP Semiconductors


PCA3354C Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCA3354C and PCD3354A. The shared properties of the PCD33xxA family of microcontrollers are described in the “PCD33xxA family” data sheet, which should be read in conjunction with this publication.

FEATURES
• 8-bit CPU, ROM, RAM, EEPROM and I/O; all in a 44-lead quad flat package
• 8 kbytes ROM; 256 bytes RAM
• 256 bytes Electrically Erasable Programmable Read Only Memory (EEPROM)
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 36 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 8-bit reloadable Timer 2
• Three single-level vectored interrupts:
   – external
   – 8-bit programmable Timer/event counter 1
   – derivative; triggered by reloadable Timer 2
• Two test inputs, one of which also serves as the external interrupt input
• DTMF, modem, musical tone generator
• Reference for supply and temperature-independent tone output
• Filtering for low output distortion (CEPT compatible)
• Melody output for ringer application
• Programmable DTMF clock divider
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF tone output and EEPROM erase/write from 2.5 V)
• CPU clock frequency: 1 to 16 MHz (3.58 MHz or 10.74 MHz for DTMF)
• Operating ambient temperature:
   – −25 to +70 °C (PCD3354A)
   – 0 to 50 °C (PCA3354C)
• Manufactured in silicon gate CMOS process.




Similar Part No. - PCA3354C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3351CP PHILIPS-PCA3351CP Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3352C PHILIPS-PCA3352C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3352CT PHILIPS-PCA3352CT Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3353C PHILIPS-PCA3353C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
More results


Similar Description - PCA3354C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
logo
Microchip Technology
PIC16C8X MICROCHIP-PIC16C8X Datasheet
773Kb / 117P
8 BIT CMOS EEPROM MICROCONTROLLERS
1995
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com