Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3350A Datasheet (PDF) - NXP Semiconductors

PCD3350A Datasheet PDF - NXP Semiconductors
Part # PCD3350A
Download  PCD3350A Download
File Size   204.94 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock

PCD3350A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCD3350A Datasheet PDF - NXP Semiconductors

Part # PCD3350A
Download  PCD3350A Click to download

File Size   204.94 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock

PCD3350A Datasheet (HTML) - NXP Semiconductors


PCD3350A Product details

GENERAL DESCRIPTION
This data sheet details the specific properties of the PCD3350A. The shared properties of the PCD33xxA family of microcontrollers are described in the “PCD33xxA family” data sheet, which should be read in conjunction with this publication.
The PCD3350A is a microcontroller designed primarily for telephony applications. It includes 8 kbytes ROM, 256 bytes RAM, 34 I/O lines, and an on-chip generator for dual tone multifrequency (DTMF), modem and musical tones. In addition to dialling, the generated frequencies can be made available as square waves for melody generation, providing ringer operation.

FEATURES
• 8-bit CPU, ROM, RAM, EEPROM, real-time clock and I/O; all in a 44-lead quad flat package
• 8 kbytes ROM
• 256 bytes RAM
• 256 bytes Electrically Erasable Programmable Read Only Memory (EEPROM)
• 32 kHz crystal oscillator for Real-Time Clock (RTC)
• EEPROM programmable RTC
• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles
• 34 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 8-bit reloadable Timer 2
• Three single-level vectored interrupts:
   – external
   – 8-bit programmable Timer/event counter 1
   – derivative; triggered by reloadable Timer 2
• Two test inputs, one of which also serves as the external interrupt input
• DTMF, modem, musical tone generator
• Reference for supply and temperature-independent tone output
• Filtering for low output distortion (CEPT compatible)
• Melody output for ringer application
• Programmable DTMF clock divider
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF tone output and EEPROM erase/write from 2.5 V)
• CPU clock frequency: 1 to 16 MHz (3.58 MHz or 10.74 MHz for DTMF)
• Operating ambient temperature: −25 to +70 °C
• Manufactured in silicon gate CMOS process.




Similar Part No. - PCD3350A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3351A PHILIPS-PCD3351A Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCD3351AP PHILIPS-PCD3351AP Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCD3352A PHILIPS-PCD3352A Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCD3352AT PHILIPS-PCD3352AT Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCD3353A PHILIPS-PCD3353A Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
More results


Similar Description - PCD3350A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3351C PHILIPS-PCA3351C Datasheet
155Kb / 36P
8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
1999 Oct 28
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
logo
STMicroelectronics
M41T56C64 STMICROELECTRONICS-M41T56C64 Datasheet
153Kb / 19P
Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
22-Sep-2006
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com