Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3350A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3350A
Description  8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3350A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3350A Datasheet HTML 1Page - NXP Semiconductors PCD3350A Datasheet HTML 2Page - NXP Semiconductors PCD3350A Datasheet HTML 3Page - NXP Semiconductors PCD3350A Datasheet HTML 4Page - NXP Semiconductors PCD3350A Datasheet HTML 5Page - NXP Semiconductors PCD3350A Datasheet HTML 6Page - NXP Semiconductors PCD3350A Datasheet HTML 7Page - NXP Semiconductors PCD3350A Datasheet HTML 8Page - NXP Semiconductors PCD3350A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1996 Dec 18
3
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator,
256 bytes EEPROM and real-time clock
PCD3350A
1
FEATURES
• 8-bit CPU, ROM, RAM, EEPROM, real-time clock and
I/O; all in a 44-lead quad flat package
• 8 kbytes ROM
• 256 bytes RAM
• 256 bytes Electrically Erasable Programmable Read
Only Memory (EEPROM)
• 32 kHz crystal oscillator for Real-Time Clock (RTC)
• EEPROM programmable RTC
• Over 100 instructions (based on MAB8048) all of
1 or 2 cycles
• 34 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 8-bit reloadable Timer 2
• Three single-level vectored interrupts:
– external
– 8-bit programmable Timer/event counter 1
– derivative; triggered by reloadable Timer 2
• Two test inputs, one of which also serves as the external
interrupt input
• DTMF, modem, musical tone generator
• Reference for supply and temperature-independent
tone output
• Filtering for low output distortion (CEPT compatible)
• Melody output for ringer application
• Programmable DTMF clock divider
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF tone output and
EEPROM erase/write from 2.5 V)
• CPU clock frequency: 1 to 16 MHz (3.58 MHz or
10.74 MHz for DTMF)
• Operating ambient temperature: −25 to +70 °C
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCD3350A. The shared properties of the PCD33xxA
family of microcontrollers are described in the
“PCD33xxA
family” data sheet, which should be read in conjunction
with this publication.
The PCD3350A is a microcontroller designed primarily for
telephony applications. It includes 8 kbytes ROM,
256 bytes RAM, 34 I/O lines, and an on-chip generator for
dual tone multifrequency (DTMF), modem and musical
tones. In addition to dialling, the generated frequencies
can be made available as square waves for melody
generation, providing ringer operation.
The PCD3350A also incorporates 256 bytes of EEPROM,
permitting data storage without battery backup. The
EEPROM can be used for storing telephone numbers,
particularly for implementing redial functions.
Finally, the PCD3350A includes a low power 32 kHz
crystal oscillator with an EEPROM programmable
Real-Time Clock (RTC) working in standby mode.
The instruction set is similar to that of the MAB8048 and is
a sub-set of that listed in the
“PCD33xxA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for this device for the full type number to use when ordering. This type
number will also specify the required program and the ROM mask options.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD3350AH
QFP44
plastic quad flat package; 44 leads (lead length 2.35 mm);
body 14
× 14 × 2.2 mm
SOT205-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com