Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3350A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD3350A
Description  8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3350A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD3350A Datasheet HTML 17Page - NXP Semiconductors PCD3350A Datasheet HTML 18Page - NXP Semiconductors PCD3350A Datasheet HTML 19Page - NXP Semiconductors PCD3350A Datasheet HTML 20Page - NXP Semiconductors PCD3350A Datasheet HTML 21Page - NXP Semiconductors PCD3350A Datasheet HTML 22Page - NXP Semiconductors PCD3350A Datasheet HTML 23Page - NXP Semiconductors PCD3350A Datasheet HTML 24Page - NXP Semiconductors PCD3350A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1996 Dec 18
21
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator,
256 bytes EEPROM and real-time clock
PCD3350A
16385.533
5C
16385.551
5D
16385.566
5E
16385.584
5F
16385.600
60
16385.617
61
16385.635
62
16385.650
63
16385.668
64
16385.684
65
16385.701
66
16385.717
67
16385.734
68
16385.750
69
16385.768
6A
16385.783
6B
16385.801
6C
16385.816
6D
16385.834
6E
16385.850
6F
16385.867
70
16385.885
71
16385.900
72
16385.918
73
16385.934
74
16385.951
75
16385.967
76
16385.984
77
fRCO
FAR (HEX)
16386.000
78
16386.018
79
16386.033
7A
16386.051
7B
16386.066
7C
16386.084
7D
16386.100
7E
16386.117
7F
16386.135
80
16386.150
81
16386.168
82
16386.184
83
16386.201
84
16386.217
85
16386.234
86
16386.250
87
16386.268
88
16386.283
89
16386.301
8A
16386.316
8B
16386.334
8C
16386.350
8D
16386.367
8E
16386.385
8F
16386.400
90
16386.418
91
16386.434
92
16386.451
93
fRCO
FAR (HEX)
16386.467
94
16386.484
95
16386.500
96
16386.518
97
16386.533
98
16386.551
99
16386.566
9A
16386.584
9B
16386.600
9C
16386.617
9D
16386.635
9E
16386.650
9F
16386.668
A0
16386.684
A1
16386.701
A2
16386.717
A3
16386.734
A4
16386.750
A5
16386.768
A6
16386.783
A7
16386.801
A8
16386.816
A9
16386.834
AA
16386.850
AB
16386.867
AC
16386.885
AD
16386.900
AE
16386.918
AF
fRCO
FAR (HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com