Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA3351C Datasheet (PDF) - NXP Semiconductors

PCA3351C Datasheet PDF - NXP Semiconductors
Part # PCA3351C
Download  PCA3351C Download
File Size   155.21 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator and 128 bytes EEPROM

PCA3351C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA3351C Datasheet PDF - NXP Semiconductors

Part # PCA3351C
Download  PCA3351C Click to download

File Size   155.21 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with DTMF generator and 128 bytes EEPROM

PCA3351C Datasheet (HTML) - NXP Semiconductors


PCA3351C Product details

GENERAL DESCRIPTION

This data sheet details the specific properties of the devices referred to. The shared properties of the PCD33xxA family of microcontrollers are described in the “PCD33xxA family” data sheet, which should be read in conjunction with this publication.



FEATURES

• 8-bit CPU, ROM, RAM, EEPROM and I/O; all in one

(28-lead or 32-lead) package

• ROM:

   – 2 kbytes (PCA3351C and PCD3351A)

   – 4 kbytes (PCA3352C and PCD3352A)

   – 6 kbytes (PCA3353C and PCD3353A)

• RAM:

   – 64 bytes (PCA3351C and PCD3351A)

   – 128 bytes (PCA3352C, PCD3352A, PCA3353C and PCD3353A)

• 128 bytes Electrically Erasable Programmable Read-Only Memory (EEPROM)

• Over 100 instructions (based on MAB8048) all of 1 or 2 cycles

• 20 quasi-bidirectional I/O port lines

• 8-bit programmable Timer/event counter 1

• 8-bit reloadable Timer 2

• Three single-level vectored interrupts:

   – external

   – 8-bit programmable Timer/event counter 1

   – derivative; triggered by reloadable Timer 2

• Two test inputs, one of which also serves as the external interrupt input

• DTMF, modem, musical tone generator

• Reference for supply and temperature-independent tone output

• Filtering for low output distortion (CEPT compatible)

• Melody output for ringer application

• Power-on-reset

• Stop and Idle modes

• Supply voltage: 1.8 to 6 V (DTMF tone output and EEPROM erase/write from 2.5 V)

• Clock frequency: 1 to 16 MHz (3.58 MHz for DTMF suggested)

• Operating ambient temperature: −25 to +70 °C or 0 to 50 °C

• Manufactured in silicon gate CMOS process.



 




Similar Part No. - PCA3351C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCA3354CH PHILIPS-PCA3354CH Datasheet
221Kb / 32P
8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
More results


Similar Description - PCA3351C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
NXP Semiconductors
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com