Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5007 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 9Page - NXP Semiconductors PCA5007 Datasheet HTML 10Page - NXP Semiconductors PCA5007 Datasheet HTML 11Page - NXP Semiconductors PCA5007 Datasheet HTML 12Page - NXP Semiconductors PCA5007 Datasheet HTML 13Page - NXP Semiconductors PCA5007 Datasheet HTML 14Page - NXP Semiconductors PCA5007 Datasheet HTML 15Page - NXP Semiconductors PCA5007 Datasheet HTML 16Page - NXP Semiconductors PCA5007 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
1998 Oct 07
13
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
Table 1
Special Function Registers Overview; note 1
ADDR
(HEX)
NAME
7
6
5
4
3
2
1
0
R/W
RESET
VALUE
COMMENT
80
P0
R/W
9FH
bit addressable
81
SP
R/W
07H
82
DPL
R/W
00H
83
DPH
R/W
00H
87
PCON
SMOD
XRE
ENIS
−
GF1
GF0
PD
IDL
R/W
00H
88
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
00H
bit addressable
89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
R/W
00H
8A
TL0
R/W
00H
8B
TL1
R/W
00H
8C
TH0
R/W
00H
8D
TH1
R/W
00H
90
P1
R/W
FFH
bit addressable
92
TGCON
ENB
CLK2
−−
−−
−
−
R/W
00H
93
TG0
R/W
00H
94
WUCON
RUN
WUP
TEST
CPL
Z1
Z0
LOAD
SET
R/W
00H
note 2
95
WUC0
R/W
00H
note 2
96
WUC1
R/W
00H
note 2
98
S0CON
SM0
SM1
−
REN
TB8
RB8
TI
RI
R/W
00H
bit addressable
99
S0BUF
R/W
00H
9E
AFCON
ENB
−
AFC5
AFC4
AFC3
AFC2
AFC1
AFC0 R/W
00H
A0
P2
R/W
FFH
bit addressable
A5
WDCON
COND
WD3
WD2
WD1
WD0
−−
LD
R/W
00H
A8
IEN0/IE
EA
EWU
ES1
ES0
ET1
EX1
ET0
EX0
R/W
00H
bit addressable
B0
P3
R/W
C3H
bit addressable
B8
IP/IP0
−
PWU
PS1
PS0
PT1
PX1
PT0
PX0
R/W
00H
bit addressable
C0
IRQ1
IQ9
IQ8
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
R/W
00H
bit addressable
CD
RTCON
MIN
−−−
−
W/R
LOAD
SET
R/W
00H
note 2
CE
RTC0
R/W
00H
note 2
D0
PSW
CY
AC
F0
RS1
RS0
OV
P(3)
R/W
00H
bit addressable
D1
DCCON0
OFF
SBY
RXE
SBLI
−−
STB(3)
BLI(3) R/W
03H
D2
DCCON1
VBG1
VBG0
VLO1
VLO0
−−
−
−
R/W
00H
D3
OS6CON
ENB
−
SF4
SF3
SF2
SF1
SF0
MFR
R/W
00H
D4
OS6M0
R
00H
D8
S1CON
−
ENS1
STA
STO
SI
AA
−−
R/W
00H
bit addressable
D9
S1STA
SC4
SC3
SC2
SC1
SC0
0
0
0
R
78H
DA
S1DAT
R/W
00H
E0
ACC
R/W
00H
bit addressable
E8
IEN1
EMIN
EWD
EDC
EX6
ESC
EX4
EX3
EX2
R/W
00H
bit addressable
E9
IX1
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
R/W
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com