Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5007 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 35Page - NXP Semiconductors PCA5007 Datasheet HTML 36Page - NXP Semiconductors PCA5007 Datasheet HTML 37Page - NXP Semiconductors PCA5007 Datasheet HTML 38Page - NXP Semiconductors PCA5007 Datasheet HTML 39Page - NXP Semiconductors PCA5007 Datasheet HTML 40Page - NXP Semiconductors PCA5007 Datasheet HTML 41Page - NXP Semiconductors PCA5007 Datasheet HTML 42Page - NXP Semiconductors PCA5007 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
1998 Oct 07
39
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
WU0 to WU15 is a 16-bit register that is loaded by the
processor. The contents of this register will be loaded into
a 16-bit reload latch with a positive pulse on SET and into
the 16-bit ripple-down counter with a positive pulse on
LOAD.
The value stored in the wake-up counter cannot be read by
software. The contents of this counter are only initialized
when RESETIN is activated. During an off sequence, the
wake-up counter continues its operation.
The wake-up interrupt can only occur while the STB flag in
the DCCON0 SFR is HIGH, i.e. the DC/DC converter is
able to sustain the VDD supply voltage. If the STB flag is at
logic 0 the wake-up counter continues its operation, the
WUP flag is set when expired (but can still be checked by
software) but an interrupt is not generated.
6.14.4
EXAMPLE SEQUENCE FOR CONTROLLING THE
WAKE
-UP COUNTER
Sequence to set another reload value:
MOV WUC1, #(high VALUE)
MOV WUC0, #(low VALUE)
MOV WUCON, #82H; set RUN and LOAD bit
MOV WUCON, #83H; activate SET flag
MOV PCON, #01H; >>> IDLE, WAIT FOR CPL
INTERRUPT.
6.14.5
TIMING
Fig.20 Operation of wake-up counter to microcontroller interface.
handbook, full pagewidth
MGR123
SET bit in SFR
internal SET flag
internal STORE
internal data
counter value
LOAD
data in SFR
9600 Hz
CPL bit in WUCON
(generates interrupt
if enabled)
transfer to 1 V registers completed, data may change again
cleared by software
set by hardware
m
m
ii
− 1
mm
− 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com