Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCO2 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PCO2
Description  Air Quality Particle Counting Meter PCE-PCO 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCO2 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PCO2 Datasheet HTML 1Page - PCE Instruments. PCE-PCO2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Particle specifications
 
Particulate matter channels
PM 2.5 / PM 10
Particle concentrations
0 ... 2000 μg / m³
Resolution
1 μg / m³
 
 
Particle counter specifications
 
Particle sizes (in micrometers)
0.3 / 0.5 / 1.0 / 2.5 / 5.0 and 10 μm
Flow rate
2.83 l / min
Coincidence error
< 5 % at 2,000,000 particles per cubic
foot
Counting efficiency
50 % at 0.3 μm;
100 % with particle size > 0.45 μm
Memory capacity
Stores up to 5,000 data sets
Counting modes
Cumulative, differential, concentration
 
 
 
 
Temp. and humidity measurement
specifications
 
Air temp. measuring range
0 ... +50 °C / +32 ... +122 °F
Dew point temp. measuring range
0 ... +50 °C / +32 ... +122 °F
Humidity measuring range
0 ... 100 % RH
Air temp. accuracy
+10 ... +40 °C / +50 ... +104 °F: ± 0.5 °
Others: ± 1 °
Dew point temp. accuracy
0 ... +10 °C / +32 ... +50 °F: ± 1 °
+10 ... +40 °C: / +50 ... +104 °F ± 0.5 °
Humidity accuracy
0 ... 20 % RH: ± 5 %
20 ... 40 % RH: ± 3.5 %
40 ... 60 % RH: ± 3 %
60 ... 80 % RH: 3.5 %
80 ... 100 % RH: ± 5 %
 
 
General device specifications
 
Operating conditions
0 ... +50 °C / +32 ... +122 °F, 10 ... 90 %
RH,
non-condensing
Storage conditions
-10 ... +60 °C / +14 ... +140 °F, 10 ... 90 %
RH,
non-condensing
Display
2.8", 320 x 240 pixel, backlit, TFT full-color
LCD screen
Power supply
1 x rechargeable battery
Battery life
Approx. 4 hours of continuous operation
at full charge
Battery recharge time
Approx. 2 hours using AC charger
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com