Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCO2 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCO2
Description  Air Quality Particle Counting Meter PCE-PCO 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCO2 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCO2 Datasheet HTML 1Page - PCE Instruments. PCE-PCO2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Quality Particle Counting Meter PCE-PCO 2
PCE-PCO 2 Air Quality Particle Counting Meter
Portable handheld device for monitoring particulate matter (PM) concentrations in the air / 0.3 µm, 0.5 µm, 1.0 µm, 2.5 µm, 5.0 µm
and 10 µm particle sizes, Measures air temperature, dew point and relative humidity
This is a portable handheld air quality particle counting meter or particle counter used to monitor particulate matter (PM) concentrations in the
air. Designed to aid in indoor air quality (IAQ) assessments, this particle counter also measures air temperature, dew point and relative
humidity.
The particle counter is ideal for monitoring clean rooms, exposure to exhaust, smoke and other harmful air pollutants, and levels of airborne
combustible dust such as agricultural dust, carbonaceous dust, chemical dust, metal dust, plastic dust and wood dust.
A variety of materials are explosive in dust form. Some examples include: food (e.g., candy, sugar, spice, starch, flour and feed), grain, tobacco,
plastics, wood, paper, pulp, rubber, pesticides, pharmaceuticals, dyes, coal and metals (e.g., aluminum, chromium, iron, magnesium and zinc).
These materials are used in agriculture, chemical manufacturing, pharmaceutical production, furniture, textiles, fossil fuel power generation,
recycling operations, metal working and processing (including additive manufacturing and 3D printing) and many other industries and
processes.
In addition to being a combustion hazard, certain kinds of dust can be a health hazard. Exposure (such as skin contact, eye contact and
inhalation) can be linked to sneezing, a stuffy or runny nose, itchy or red eyes, headaches, fatigue, fever, cough, shortness of breath, dermatitis,
asthma, bronchitis, pneumonia (e.g., Legionnaires’ disease and hypersensitivity pneumonitis) and cancer.
When inhaled, PM 2.5 and PM 10 particles can settle deep into the lungs and result in damaging health effects. Since the PCE-PCO 2 particle
counter monitors PM 2.5 and PM 10 particles, the device has many practical health and safety applications. Heating, ventilation and air
conditioning (HVAC) technicians use PM 2.5 and PM 10 particle counters for HVAC system performance and filtration audits. In addition,
industrial hygienists and workplace safety professionals rely on PM 2.5 and PM 10 particle counters when evaluating occupational health and
safety risks related to hazardous and combustible dust.
Captures 6 particle sizes
Measures  air temperature, dew point and relative humidity
2.8" TFT full-color LCD screen
Built-in camera for image and video recording
Cumulative, differential and concentration particle counting modes
Stores up to 5,000 data sets to memory
Power-saving automatic shutdown feature
PM channels: PM 2.5, PM 10, including mass concentration mode (µg/m³)
Free software download on PCE Software web page


Similar Part No. - PCE-PCO2

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCO1 PCE-PCE-PCO1 Datasheet
127Kb / 2P
Technical Air Quality Meter PCE-PCO 1
More results

Similar Description - PCE-PCO2

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP96X-2 PERKINELMER-MP96X-2 Datasheet
211Kb / 2P
Single Photon Counting Module for Particle Measurement
logo
Omron Electronics LLC
K3NC OMRON-K3NC Datasheet
685Kb / 23P
Up/Down Counting Meter
logo
Extech Instruments Corp...
EA80 EXTECH-EA80 Datasheet
231Kb / 1P
Indoor Air Quality Meter/Datalogger
CO240 EXTECH-CO240 Datasheet
289Kb / 1P
Handheld Indoor Air Quality CO2 Meter
CO250 EXTECH-CO250_15 Datasheet
180Kb / 1P
Portable Indoor Air Quality CO2 Meter
EA80 EXTECH-EA80_15 Datasheet
188Kb / 1P
Indoor Air Quality Meter/Datalogger
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
Air-Quality Gas Sensor
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com