Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WSAC50 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-WSAC50
Description  Wind Measurer Alarm Controller PCE-WSAC 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSAC50 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-WSAC50 Datasheet HTML 1Page - PCE Instruments. PCE-WSAC50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Power supply
115V AC
230V AC
24V DC
Supply voltage for sensors (output)
12V DC
24V DC
Measuring range
0 ... 50 m/s or 0 ... 110 mph
Measuring accuracy
± 3% of measuring range
Signal input (selectable)
4 ... 20-mA
0 ... 5 / 10V
Alarm relay
2 NO/NC relays with max. load of 220V
AC / 10 A
Optional interface
RS-485 modbus
Operating temperature
-20 ... 60°C / -4 ... 140°F
Dimensions
197.5 x 90 x 45 mm / 7.7 x 3.5 x 1.7 in
Weight
Approx. 400 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com