Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-WSAC50 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-WSAC50
Description  Wind Measurer Alarm Controller PCE-WSAC 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSAC50 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-WSAC50 Datasheet HTML 1Page - PCE Instruments. PCE-WSAC50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wind Measurer Alarm Controller PCE-WSAC 50
PCE-WSAC 50 Wind Measurer Alarm Controller
Pre-alarm and full alarm / Optional RS-485 modbus interface / Displays current wind speed and average wind speed of last 2 and 5
minutes
PCE-WSAC 50 is a wind measurer alarm controller that displays the current wind speed as well as the average wind speed of the last 2 and 5
minutes. A pre-alarm and full alarm can be activated based on preset values. If wind speeds are higher than the preset values, a pre-alarm is
first applied before the full alarm is issued. Both alarms are delivered visually and audibly. If the pre-alarm is triggered, a yellow LED will flash
on the front of the unit and a beep will periodically be emitted as a warning tone. If the full alarm is triggered, a red LED will flash on the front
of the unit and a beep will continuously be emitted.
PCE-WSAC 50 allows measurement of the slightest of wind movements. This wind measurer alarm controller is used for a variety of wind
monitoring applications in industries such as construction, mining, renewable energy and manufacturing. If necessary, a relay can also be
connected to the controller.
***Sensors sold separately***
Pre-alarm and full alarm with visual and audible warnings
Allows measurement of the slightest wind movements
Optional RS-485 modbus interface for data communication
Bright, easy-to-read LED display
Simple to use
Incl. ISO Calibration Certificate
***Sensors sold separately***


Similar Part No. - PCE-WSAC50

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-WSAC50W230 PCE-PCE-WSAC50W230 Datasheet
499Kb / 2P
Wind Speed Meter PCE-WSAC 50W 230
PCE-WSAC50W230-ICA PCE-PCE-WSAC50W230-ICA Datasheet
649Kb / 2P
Wind Speed Alarm Controller PCE-WSAC 50W 230-ICAincl ISO calibration cert.
PCE-WSAC50W24 PCE-PCE-WSAC50W24 Datasheet
436Kb / 2P
Anemometer PCE-WSAC 50W 24
PCE-WSAC50W24-ICA PCE-PCE-WSAC50W24-ICA Datasheet
646Kb / 2P
Wind Speed Meter PCE-WSAC 50W 24-ICA Incl. ISOCalibration Certificate
More results

Similar Description - PCE-WSAC50

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Advanced Thermal Soluti...
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
WIND TUNNEL CONTROLLER
R3_0215
logo
Pericom Semiconductor C...
PT8A263 PERICOM-PT8A263 Datasheet
346Kb / 11P
PIR Alarm Controller
logo
Tripp Lite. All Rights ...
T030-50M TRIPPLITE-T030-50M Datasheet
169Kb / 2P
Laser Distance Measurer, 50 m
logo
Fluke Corporation
414D FLUKE-414D Datasheet
1Mb / 3P
Fluke 417D Laser Distance Measurer
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com