Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3351AP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3351AP
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3351AP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3351AP Datasheet HTML 1Page - NXP Semiconductors PCD3351AP Datasheet HTML 2Page - NXP Semiconductors PCD3351AP Datasheet HTML 3Page - NXP Semiconductors PCD3351AP Datasheet HTML 4Page - NXP Semiconductors PCD3351AP Datasheet HTML 5Page - NXP Semiconductors PCD3351AP Datasheet HTML 6Page - NXP Semiconductors PCD3351AP Datasheet HTML 7Page - NXP Semiconductors PCD3351AP Datasheet HTML 8Page - NXP Semiconductors PCD3351AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1999 Oct 28
4
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
3
ORDERING INFORMATION
Note
1. The types:
a) PCA335xC denotes: PCA3351C, PCA3352C or PCA3353C.
b) PCD335xA denotes: PCD3351A, PCD3352A or PCD3353A.
TYPE
NUMBER(1)
PACKAGE
NAME
DESCRIPTION
VERSION
PCA335xCP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCD335xAP
PCA335xCT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCD335xAT
PCA335xCH
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
PCD335xAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com